Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5000FP Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000FP Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS5000FP Datasheet HTML 1Page - Dallas Semiconductor DS5000FP Datasheet HTML 2Page - Dallas Semiconductor DS5000FP Datasheet HTML 3Page - Dallas Semiconductor DS5000FP Datasheet HTML 4Page - Dallas Semiconductor DS5000FP Datasheet HTML 5Page - Dallas Semiconductor DS5000FP Datasheet HTML 6Page - Dallas Semiconductor DS5000FP Datasheet HTML 7Page - Dallas Semiconductor DS5000FP Datasheet HTML 8Page - Dallas Semiconductor DS5000FP Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
REV: 070605
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
FEATURES
8051-Compatible Microprocessor Adapts
to Its Task
− Accesses between 8kB and 64kB of
nonvolatile SRAM
− In-system programming via on-chip serial
port
− Can modify its own program or data
memory
− Accesses memory on a separate byte-wide
bus
Crash-Proof Operation
− Maintains all nonvolatile resources for
over 10 years
− Power-fail Reset
− Early Warning Power-fail Interrupt
− Watchdog Timer
− User-supplied lithium battery backs user
SRAM for program/data storage
Software Security
− Executes encrypted programs to prevent
observation
− Security lock prevents download
− Unlocking destroys contents
Fully 8051 Compatible
− 128 bytes scratchpad RAM
− Two timer/counters
− On-chip serial port
− 32 parallel I/O port pins
PIN CONFIGURATION
ORDERING INFORMATION
PART
TEMP RANGE
MAX CLOCK
SPEED (MHz)
PIN-
PACKAGE
DS5000FP-16
0°C to +70°C
16
80 QFP
DS5000FP-16+
0°C to +70°C
16
80 QFP
+ Denotes a Pb-free/RoHS-compliant device.
DS5000FP
Soft Microprocessor Chip
www.maxim-ic.com
This data sheet must be used in conjunction with the Secure
Microcontroller User’s Guide, which contains operating information.
This data sheet provides ordering information, pinout, and electrical
specifications. Download the Secure Microcontroller User’s Guide
at www.maxim-ic.com/microcontrollers.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
P0.4/AD4
N.C.
N.C.
BA9
P0.3/AD3
BA8
P0.2/AD2
BA13
P0.1/AD1
R/W
P0.0/AD0
VCC0
VCC
VCC
P1.0
BA14
P1.1
BA12
P1.2
BA7
P1.3
N.C.
N.C.
BA6
P2.6/A14
N.C.
N.C.
BD3
P2.5/A13
BD2
P2.4/A12
BD1
P2.3/A11
BD0
VLI
GND
GND
P2.2/A10
P2.1/A9
P2.0/A8
XTAL1
XTAL2
P3.7/RD
P3.6/WR
P3.5/T1
N.C.
N.C.
P3.4/T0
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
DS5000FP
TOP VIEW
QFP


Similar Part No. - DS5000FP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5000FP DALLAS-DS5000FP Datasheet
434Kb / 22P
Soft Microprocessor Chip
DS5000FP DALLAS-DS5000FP Datasheet
364Kb / 22P
Soft Microprocessor Chip
logo
Maxim Integrated Produc...
DS5000FP MAXIM-DS5000FP Datasheet
615Kb / 22P
Soft Microprocessor Chip
REV: 070605
logo
Dallas Semiconductor
DS5000FP+16 DALLAS-DS5000FP+16 Datasheet
434Kb / 22P
Soft Microprocessor Chip
DS5000FP-16 DALLAS-DS5000FP-16 Datasheet
434Kb / 22P
Soft Microprocessor Chip
More results

Similar Description - DS5000FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R6501 ETC-R6501 Datasheet
2Mb / 35P
ONE CHIP MICROPROCESSOR
logo
Dallas Semiconductor
DS5001FP DALLAS-DS5001FP Datasheet
557Kb / 26P
128k Soft Microprocessor Chip
DS5000FP DALLAS-DS5000FP Datasheet
434Kb / 22P
Soft Microprocessor Chip
logo
Maxim Integrated Produc...
DS5003 MAXIM-DS5003 Datasheet
308Kb / 24P
Secure Microprocessor Chip
Rev 0; 3/08
logo
Dallas Semiconductor
DS5000FP DALLAS-DS5000FP_1 Datasheet
364Kb / 22P
Soft Microprocessor Chip
logo
Crydom Inc.,
MCST1225 CRYDOM-MCST1225 Datasheet
1Mb / 5P
Microprocessor based soft-start / soft-stop controller
logo
Dallas Semiconductor
DS5001FP DALLAS-DS5001FP_05 Datasheet
939Kb / 27P
128k Soft Microprocessor Chip
logo
Maxim Integrated Produc...
DS5002 MAXIM-DS5002 Datasheet
1Mb / 25P
Secure Microprocessor Chip
REV: 072806
DS5001FP MAXIM-DS5001FP Datasheet
939Kb / 27P
128k Soft Microprocessor Chip
REV: 070605
DS5000FP MAXIM-DS5000FP Datasheet
615Kb / 22P
Soft Microprocessor Chip
REV: 070605
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com