Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6602UE9A+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6602UE9A+ Datasheet HTML 4Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 5Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 6Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 7Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 8Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 9Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 10Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 11Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
conversion results until they have been read. If the
most significant bits have not been read within an
SMBus timeout period (nominally 37ms), normal updat-
ing continues. Table 1 shows the main temperature
register (high byte) data format, and Table 2 shows the
extended resolution register (low byte) data format.
Diode Fault Detection
If a channel’s input DXP_ and DXN_ are left open, the
MAX6602 detects a diode fault. An open diode fault
does not cause either ALERT or OVERT to assert. A bit
in the status register for the corresponding channel is
set to 1 and the temperature data for the channel is
stored as all 1s (FFh). It takes approximately 4ms for
the MAX6602 to detect a diode fault. Once a diode fault
is detected, the MAX6602 goes to the next channel in
the conversion sequence. Depending on operating
conditions, a shorted diode may or may not cause
ALERT or OVERT to assert, so if a channel will not be
used, disconnect its DXP and DXN inputs.
Five-Channel Precision Temperature Monitor
8
_______________________________________________________________________________________
Write Byte Format
Read Byte Format
Send Byte Format
Receive Byte Format
Slave Address: equiva-
lent to chip-select line of
a 3-wire interface
Command Byte: selects to
which register you are writing
Data Byte: data goes into the register
set by the command byte (to set
thresholds, configuration masks, and
sampling rate)
Slave Address: equiva-
lent to chip-select line
Command Byte: selects
from which register you
are reading
Slave Address: repeated
due to change in data-
flow direction
Data Byte: reads from
the register set by the
command byte
Command Byte: sends com-
mand with no data, usually
used for one-shot command
Data Byte: reads data from
the register commanded
by the last read byte or
write byte transmission;
also used for SMBus alert
response return address
S = Start condition
Shaded = Slave transmission
P = Stop condition
/// = Not acknowledged
S
ADDRESS
RD
ACK
DATA
///
P
7 bits
8 bits
WR
S
ACK
COMMAND
ACK
P
8 bits
ADDRESS
7 bits
P
1
ACK
DATA
8 bits
ACK
COMMAND
8 bits
ACK
WR
ADDRESS
7 bits
S
S
ADDRESS
WR
ACK
COMMAND
ACK
S
ADDRESS
7 bits
8 bits
7 bits
RD
ACK
DATA
8 bits
///
P
Figure 2. SMBus Protocols
TEMP (°C)
DIGITAL OUTPUT
> +127
0111 1111
+127
0111 1111
+126
0111 1110
+25
0001 1001
0
0000 0000
< 0
0000 0000
Diode fault (short or open)
1111 1111
Table 1. Main Temperature Register
(High Byte) Data Format
TEMP (°C)
DIGITAL OUTPUT
0
000X XXXX
+0.125
001X XXXX
+0.250
010X XXXX
+0.375
011X XXXX
+0.500
100X XXXX
+0.625
101X XXXX
+0.725
110X XXXX
+0.875
111X XXXX
Table 2. Extended Resolution Temperature
Register (Low Byte) Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com