Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6602UE9A+ Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6602UE9A+ Datasheet HTML 9Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 10Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 11Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 12Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 13Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 14Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 15Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 16Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Five-Channel Precision Temperature Monitor
______________________________________________________________________________________
13
Table 7. Status 1 Register
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
Reserved
0
—
6
Local ALERT
0
Local Channel High-Alert Bit. This bit is set to logic 1 when the local
temperature exceeds the temperature threshold limit in the local ALERT high-
limit register.
5
Reserved
0
—
4
Reserved
0
—
3
Remote 4 ALERT
0
Channel 4 Remote-Diode High-Alert Bit. This bit is set to logic 1 when the
channel 4 remote-diode temperature exceeds the temperature threshold limit
in the remote 4 ALERT high-limit register.
2
Remote 3 ALERT
0
Channel 3 Remote-Diode High-Alert Bit. This bit is set to logic 1 when the
channel 3 remote-diode temperature exceeds the programmed temperature
threshold limit in the remote 3 ALERT high-limit register.
1
Remote 2 ALERT
0
Channel 2 Remote-Diode High-Alert Bit. This bit is set to logic 1 when the
channel 2 remote-diode temperature exceeds the temperature threshold limit
in the remote 2 ALERT high-limit register.
0
Remote 1 ALERT
0
Channel 1 Remote-Diode High-Alert Bit. This bit is set to logic 1 when the
channel 1 remote-diode temperature exceeds the temperature threshold limit
in the remote 1 ALERT high-limit register.
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
Reserved
0
—
6
Reserved
0
—
5
Reserved
0
—
4
Reserved
0
—
3
Remote 4 OVERT
0
Channel 4 Remote-Diode Overtemperature Status Bit. This bit is set to logic 1
when the channel 4 remote-diode temperature exceeds the temperature
threshold limit in the remote 4 OVERT high-limit register.
2
Reserved
0
—
1
Reserved
0
—
0
Remote 1 OVERT
0
Channel 1 Remote-Diode Overtemperature Status Bit. This bit is set to logic 1
when the channel 1 remote-diode temperature exceeds the temperature
threshold limit in the remote 1 OVERT high-limit register.
Table 8. Status 2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com