Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6602UE9A+ Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6602UE9A+ Datasheet HTML 10Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 11Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 12Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 13Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 14Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 15Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 16Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 17Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Five-Channel Precision Temperature Monitor
14
______________________________________________________________________________________
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
Reserved
0
—
6
Reserved
0
Not Used. 0 at POR, then 1.
5
Reserved
0
Not Used. 0 at POR, then 1.
4
Diode fault 4
0
Channel 4 Remote-Diode Fault Bit. This bit is set to 1 when DXP4 and DXN4
are open circuit or when DXP4 is connected to VCC.
3
Diode fault 3
0
Channel 3 Remote-Diode Fault Bit. This bit is set to 1 when DXP3 and DXN3
are open circuit or when DXP3 is connected to VCC.
2
Diode fault 2
0
Channel 2 Remote-Diode Fault Bit. This bit is set to 1 when DXP2 and DXN2
are open circuit or when DXP2 is connected to VCC.
1
Diode fault 1
0
Channel 1 Remote-Diode Fault Bit. This bit is set to 1 when DXP1 and DXN1
are open circuit or when DXP1 is connected to VCC.
0
Reserved
0
—
Table 9. Status 3 Register
Applications Information
Remote-Diode Selection
The MAX6602 directly measures the die temperature of
CPUs and other ICs that have on-chip temperature-
sensing diodes (see the Typical Application Circuit) or
it can measure the temperature of a discrete diode-
connected transistor.
Effect of Ideality Factor
The accuracy of the remote temperature measure-
ments depends on the ideality factor (n) of the remote
“diode” (actually a transistor). The MAX6602 is opti-
mized for n = 1.012. A thermal diode on the substrate
of an IC is normally a pnp with the base and emitter
brought out the collector (diode connection) grounded.
DXP_ must be connected to the anode (emitter) and
DXN_ must be connected to the cathode (base) of this
pnp. If a sense transistor with an ideality factor other
than 1.012 is used, the output data is different from the
data obtained with the optimum ideality factor.
Fortunately, the difference is predictable. Assume a
remote-diode sensor designed for a nominal ideality
factor nNOMINAL is used to measure the temperature of
a diode with a different ideality factor n1. The measured
temperature TM can be corrected using:
where temperature is measured in Kelvin and
nNOMIMAL for the MAX6602 is 1.012. As an example,
assume you want to use the MAX6602 with a CPU that
has an ideality factor of 1.002. If the diode has no
series resistance, the measured data is related to the
real temperature as follows:
For a real temperature of +85°C (358.15K), the mea-
sured temperature is +81.46°C (354.61K), an error of
-3.539°C.
Series Resistance Cancellation
Some thermal diodes on high-power ICs can have
excessive series resistance, which can cause tempera-
ture measurement errors with conventional remote tem-
perature sensors. Channel 1 of the MAX6602 has a
series resistance cancellation feature (enabled by bit 3
of the configuration 1 register) that eliminates the effect
of diode series resistance. Set bit 3 to 1 if the series
resistance is large enough to affect the accuracy of
channel 1. The series resistance cancellation function
increases the conversion time for channel 1 by 125ms.
This feature cancels the bulk resistance of the sensor
and any other resistance in series (wire, contact resis-
tance, etc.). The cancellation range is from 0 to 100
Ω.
TT
n
n
TT
ACTUAL
M
NOMINAL
MM
=×
⎛
⎝⎜
⎞
⎠⎟
=× ⎛
⎝⎜
⎞
⎠⎟
=
1
1 012
1 002
1 00998
.
.
(.
)
TT
n
n
M
ACTUAL
NOMINAL
=
⎛
⎝⎜
⎞
⎠⎟
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com