Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6602UE9A+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6602UE9A+ Datasheet HTML 1Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 2Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 3Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 4Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 5Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 6Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 7Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 8Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Five-Channel Precision Temperature Monitor
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, VSTBY = VCC, TA = +25°C, unless otherwise noted.)
SOFTWARE STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
4.8
4.3
3.8
1
2
3
4
5
6
7
8
9
10
11
12
0
3.3
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
4.8
3.8
4.3
325
330
335
340
350
345
355
360
320
3.3
-4
-2
-3
0
-1
2
1
3
050
25
75
100
125
REMOTE TEMPERATURE ERROR
vs. REMOTE-DIODE TEMPERATURE
REMOTE-DIODE TEMPERATURE (
°C)
-4
-3
-2
-1
0
1
2
3
4
0
25
50
75
100
125
LOCAL TEMPERATURE ERROR
vs. DIE TEMPERATURE
DIE TEMPERATURE (
°C)
REMOTE-DIODE TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (MHz)
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
1
100mVP-P
LOCAL TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (MHz)
0.1
0.01
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.001
1
100mVP-P
REMOTE TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
FREQUENCY (MHz)
1
0.1
0.01
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.001
10
100mVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com