Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6602UE9A+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6602UE9A+ Datasheet HTML 1Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 2Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 3Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 4Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 5Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 6Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 7Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 8Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX6602 precision multichannel temperature sen-
sor monitors its own temperature and the temperatures
of up to four external diode-connected transistors. All
temperature channels have programmable alert thresh-
olds. Channels 1 and 4 also have programmable
overtemperature thresholds. When the measured tem-
perature of a channel exceeds the respective thresh-
old, a status bit is set in one of the status registers. Two
open-drain outputs, OVERT and ALERT, assert corre-
sponding to these bits in the status register.
The 2-wire serial interface supports the standard system
management bus (SMBus™) protocols: write byte, read
byte, send byte, and receive byte for reading the tem-
perature data and programming the alarm thresholds.
The MAX6602 is specified for a -40°C to +125°C oper-
ating temperature range and is available in a 16-pin
TSSOP package.
Applications
Desktop Computers
Notebook Computers
Workstations
Servers
Features
♦ Four Thermal-Diode Inputs
♦ Local Temperature Sensor
♦ 1°C Remote Temperature Accuracy (+60°C to +100°C)
♦ Temperature Monitoring Begins at POR for Fail-
Safe System Protection
♦ ALERT and OVERT Outputs for Interrupts,
Throttling, and Shutdown
♦ STBY Input for Hardware Standby Mode
♦ Small, 16-Pin TSSOP Package
♦ 2-Wire SMBus Interface
Five-Channel Precision Temperature Monitor
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GND
SMBCLK
SMBDATA
DXN2
DXP2
DXN1
DXP1
VCC
N.C.
STBY
DXN4
DXP4
DXN3
DXP3
MAX6602
ALERT
OVERT
2200pF
2200pF
2200pF
2200pF
CPU
0.1
μF
TO SYSTEM
SHUTDOWN
INTERRUPT
TO
μP
DATA
CLK
4.7k
Ω
EACH
+3.3V
Typical Application Circuit
19-0620; Rev 1; 8/07
PART
PIN-
PACKAGE
SLAVE
ADDRESS
PKG
CODE
MAX6602UE9A+
16 TSSOP
1001 101
U16-1
SMBus is a trademark of Intel Corp.
Note: This device is specified over the -40°C to +125°C
temperature range.
+Denotes lead-free package.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX6602UE9A+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6602UE9A+ MAXIM-MAX6602UE9A+ Datasheet
608Kb / 18P
Five-Channel Precision Temperature Monitor
Rev 0; 7/06
More results

Similar Description - MAX6602UE9A+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6697 MAXIM-MAX6697 Datasheet
288Kb / 19P
7-Channel Precision Temperature Monitor
Rev 0; 1/05
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6689 MAXIM-MAX6689 Datasheet
341Kb / 19P
7-Channel Precision Temperature Monitor
Rev 0; 5/06
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6622 MAXIM-MAX6622 Datasheet
195Kb / 18P
5-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6699 MAXIM-MAX6699_07 Datasheet
301Kb / 19P
5-Channel Precision Temperature Monitor
Rev 2; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com