Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAXQ2000-RFX+
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAXQ2000-RFX+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Low-Power LCD Microcontroller
_____________________________________________________________________
7
DIGITAL SUPPLY CURRENT
vs. CLOCK FREQUENCY
fHFIN (MHz)
10
5
1
2
3
4
5
6
7
8
0
015
20
VDD = 2.75V
TA = +25
°C
TA = -40
°C
TA = 0
°C
TA = +85
°C
Typical Operating Characteristics
Pin Description
PIN
TQFN-EP
QFN-EP
LQFP
NAME
FUNCTION
40
49
70
VDD
Digital Supply Voltage
22
27
36, 62
VDDIO
I/O Supply Voltage
23, 35
28, 42
39, 63
GND
Ground
45
54
83
VLCD
LCD Bias-Control Voltage. Highest LCD drive voltage used with static bias. Connected
to an external source.
46
55
84
VLCD1
LCD Bias, Voltage 1. LCD drive voltage used with 1/2 and 1/3 LCD bias. An internal
resistor- divider sets the voltage. External resistors and capacitors can be used to
change the LCD voltage or drive capability at this pin.
47
56
85
VLCD2
LCD Bias, Voltage 2. LCD drive voltage used with 1/3 LCD bias. An internal
resistor-divider sets the voltage. External resistors and capacitors can be used to
change LCD voltage or drive capability at this pin.
48
57
86
VADJ
LCD Adjustment Voltage. Connect to an external resistor to provide external control
of the LCD contrast. Leave disconnected for internal contrast adjustment.
28
33
50
RESET
Digital, Active-Low, Reset Input/Output. The CPU is held in reset when this is low
and begins executing from the reset vector when released. The pin includes pullup
current source and should be driven by an open-drain, external source capable of
sinking in excess of 2mA. This pin is driven low as an output when an internal reset
condition occurs.
42
51
76
HFXIN
High-Frequency Crystal Input. Connect an external crystal or resonator between
HFXIN and HFXOUT as the high-frequency system clock. Alternatively, HFXIN is the
input for an external, high-frequency clock source when HFXOUT is floating.
41
50
71
HFXOUT
High-Frequency Crystal Output/Input. Connect an external crystal or resonator
between HFXIN and HFXOUT as the high-frequency system clock. Alternatively,
float HFXOUT when an external, high-frequency clock source is connected to the
HFXIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com