Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXQ2000-RFX+
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXQ2000-RFX+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
General Description
The MAXQ2000 microcontroller is a low-power, 16-bit
device that incorporates a liquid-crystal display (LCD)
interface that can drive up to 100 (-RBX/-RBX+) or 132
(-RAX/-RAX+/-RFX/-RFX+) segments. The MAXQ2000
is uniquely suited for the blood-glucose monitoring mar-
ket, but can be used in any application that requires
high performance and low-power operation. The device
can operate at a maximum of either 14MHz (VDD >
1.8V) or 20MHz (VDD > 2.25V). The MAXQ2000 has
32kWords of flash memory, 1kWord of RAM, three 16-
bit timers, and one or two universal synchronous/asyn-
chronous receiver/transmitters (UARTs). Flash memory
aids prototyping and low-volume production. The
microcontroller core is powered by a 1.8V supply, with
a separate I/O supply for optimum flexibility. An ultra-
low-power sleep mode makes these parts ideal for bat-
tery-powered, portable equipment.
Applications
Medical Instrumentation
Battery-Powered and Portable Devices
Electrochemical and Optical Sensors
Industrial Control
Data-Acquisition Systems and Data Loggers
Home Appliances
Consumer Electronics
Thermostats/Humidity Sensors
Security Sensors
Gas and Chemical Sensors
HVAC
Smart Transmitters
Features
♦ High-Performance, Low-Power, 16-Bit RISC Core
DC to 20MHz Operation, Approaching 1MIPS per MHz
Dual 1.8V Core/3V I/O Enables Low Power/Flexible
Interfacing
33 Instructions, Most Single Cycle
Three Independent Data Pointers Accelerate Data
Movement with Automatic Increment/Decrement
16-Level Hardware Stack
16-Bit Instruction Word, 16-Bit Data Bus
16 x 16-Bit, General-Purpose Working Registers
Optimized for C-Compiler (High-Speed/Density Code)
♦ Program and Data Memory
32kWords Flash Memory, Mask ROM for High-
Volume Applications
10,000 Flash Write/Erase Cycles
1kWord of Internal Data RAM
JTAG/Serial Boot Loader for Programming
♦ Peripheral Features
Up to 50 General-Purpose I/O Pins
100/132 Segment LCD Driver
Up to 4 COM and 36 Segments
Static, 1/2, and 1/3 LCD Bias Supported
No External Resistors Required
SPITM and 1-Wire® (-RAX/-RAX+/-RFX/-RFX+ Only)
Hardware I/O Ports
One or Two Serial UARTs
One-Cycle, 16 x 16 Hardware Multiply/Accumulate
with 48-Bit Accumulator
Three 16-Bit Programmable Timers/Counters
8-Bit, Subsecond, System Timer/Alarm
32-Bit, Binary Real-Time Clock with Time-of-Day Alarm
Programmable Watchdog Timer
♦ Flexible Programming Interface
Bootloader Simplifies Programming
In-System Programming Through JTAG
Supports In-Application Programming of Flash Memory
♦ Ultra-Low-Power Consumption
190µA typ at 8MHz Flash Operation, PMM1 at 2.2V
700nA typ in Lowest Power Stop Mode
Low-Power 32kHz Mode and Divide-by-256 Mode
Low-Power LCD Microcontroller
______________________________________________
Maxim Integrated Products
1
Rev 10; 7/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Typical Operating Circuit, Pin Configurations, and
Ordering Information appear at end of data sheet.
MAXQ is a registered trademark of Maxim Integrated Products, Inc.
SPI is a trademark of Motorola, Inc.
1-Wire is a registered trademark of Dallas Semiconductor Corp., a wholly owned subsidiary of Maxim Integrated Products, Inc.
EVALUATION
KIT
AVAILABLE
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be
simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.


Similar Part No. - MAXQ2000-RFX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2000-RAX MAXIM-MAXQ2000-RAX Datasheet
1Mb / 39P
Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000-RBX MAXIM-MAXQ2000-RBX Datasheet
1Mb / 39P
Low-Power LCD Microcontroller
Rev 2; 12/04
More results

Similar Description - MAXQ2000-RFX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
Low-Power LCD Microcontroller
Rev 2; 12/04
logo
OKI electronic componet...
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
Low-power and Built-in LCD Driver 4-Bit Microcontroller
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
685Kb / 55P
MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
Ultra Low Power Microcontroller with 4x32 LCD Driver
logo
STMicroelectronics
STEVAL-IAS003V1 STMICROELECTRONICS-STEVAL-IAS003V1 Datasheet
92Kb / 4P
Counter with STM8L101xx low-power microcontroller and LCD
10-Sep-2009
logo
List of Unclassifed Man...
DLP-MAVLCD1 ETC2-DLP-MAVLCD1 Datasheet
333Kb / 11P
LCD / MICROCONTROLLER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com