Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXQ2000-RFX+
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXQ2000-RFX+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Low-Power LCD Microcontroller
_____________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VDD(MIN) to VDD(MAX), VDDIO = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage:
HFIN and 32KIN
VIH1
0.8 x
VDDIO
VDDIO
V
Input High Voltage:
P6.4–P6.5 and P7.0–P7.1
VIH2
SVS on, VLCD = 3.3V
0.8 x
VLCD
VLCD
V
Input High Voltage:
All Other Pins
VIH3
0.8 x
VDDIO
VDDIO
V
Input Low Voltage:
HFIN and 32KIN
VIL1
0
0.2 x
VDDIO
V
Input Low Voltage:
All Other Pins
VIL2
0
0.2 x
VDDIO
V
Output High Voltage:
P6.4–P6.5 and P7.0–P7.1
VOH1
SVS on; IOH(MAX) = 0.75mA; VLCD = 2.7V
VLCD -
0.2
V
Output High Voltage:
All Other Pins
VOH2
IOH(MAX) = 0.75mA; VDDIO =1.8V
VDDIO -
0.2
V
Output Low Voltage for
All Other Pins
VOL1
IOL = 1.0mA; VDDIO = 1.8V
GND
0.2
V
Output Low Voltage for
P6.4–P6.5 and P7.0–P7.1
VOL2
IOL = 1.4mA; VDDIO = 2.7V
GND
0.2
V
Input Leakage Current
IL
Internal pullup disabled
-100
+100
nA
Input Pullup Current
IIP
Internal pullup enabled
-20
-5
μA
LCD INTERFACE
LCD Reference Voltage
VLCD
2.7
3.3
3.6
V
LCD Bias Voltage 1
VLCD1
1/3 bias
VADJ + 2/3 (VLCD - VADJ)
V
LCD Bias Voltage 2
VLCD2
1/3 bias
VADJ + 1/3 (VLCD - VADJ)
V
LCD Adjustment Voltage
VADJ
Guaranteed by design
0
0.4 x
VLCD
V
LCD Bias Resistor
RLCD
100
k
LCD Adjustment Resistor
RLADJ
LRA4:LRA0 = 11111b
200
k
When segment is driven at VLCD level;
VLCD = 3V; ISEGxx = -3μA;
guaranteed by design
VLCD -
0.02
VLCD
When segment is driven at VLCD1 level;
VLCD1 = 2V; ISEGxx = -3μA;
guaranteed by design
VLCD1 -
0.02
VLCD1
When segment is driven at VLCD2 level;
VLCD2 = 1V; ISEGxx = -3μA;
guaranteed by design
VLCD2 -
0.02
VLCD2
LCD Segment Voltage
VSEGxx
When segment is driven at VADJ level;
VADJ = 0V; ISEGxx = 3μA;
guaranteed by design
VADJ
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com