Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX+ Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAXQ2000-RFX+
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX+ Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAXQ2000-RFX+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 39Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Low-Power LCD Microcontroller
____________________________________________________________________
37
Ordering Information
PART
PROGRAM
MEMORY
DATA MEMORY
LCD
SEGMENTS
EXTERNAL
INTERRUPTS
UARTS
PIN-
PACKAGE
PKG
CODE
MAXQ2000-RAX
32kWord Flash
1kWord SRAM
132
16
2
68 QFN
G6800-4
MAXQ2000-RAX+
32kWord Flash
1kWord SRAM
132
16
2
68 QFN
G6800+4
MAXQ2000-RBX
32kWord Flash
1kWord SRAM
100
14
1
56 TQFN
T5688+2
MAXQ2000-RBX+
32kWord Flash
1kWord SRAM
100
14
1
56 TQFN
T5688-2
MAXQ2000-RFX
32kWord Flash
1kWord SRAM
132
16
2
100 LQFP
—
MAXQ2000-RFX+
32kWord Flash
1kWord SRAM
132
16
2
100 LQFP
—
Note: All devices are specified over the -40°C to +85°C operating temperature range.
+
Denotes a Pb-free/RoHS-compliant package.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
68 QFN
G6800-4
21-0122
56 TQFN
T5688-2
21-0135
100 LQFP
—
21-0297
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com