Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ2000-RFX+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAXQ2000-RFX+
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000-RFX+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAXQ2000-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ2000-RFX+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Low-Power LCD Microcontroller
10
____________________________________________________________________
Pin Description (continued)
PIN
TQFN-EP
QFN-EP
LQFP
NAME
FUNCTION
—
36
54
P5.2/RX1/
INT10
General-Purpose, Digital, I/O, Type-D Port; Serial Port 1 Receive; External Edge-
Selectable Interrupt 10
—
37
56
P5.3/TX1/
INT11
General-Purpose, Digital, I/O, Type-D Port; Serial Port 1 Transmit; External Edge-
Selectable Interrupt 11
31
38
57
P5.4/SS
General-Purpose, Digital, I/O, Type-C Port; Active-Low, SPI, Slave-Select Input.
Becomes the slave-select input in SPI mode.
32
39
58
P5.5;
MOSI
General-Purpose, Digital, I/O, Type-C Port; SPI, Master-Out Slave-In Output. Data
is clocked out of the microcontroller on SCLK’s falling edge and into the slave
device on SCLK’s rising edge. Becomes MOSI input in SPI mode.
33
40
59
P5.6;
SCLK
General-Purpose, Digital, I/O, Type-C Port; SPI, Clock Output. Becomes SCLK
input in slave mode but limited to SYSCLK / 8.
34
41
60
P5.7/
MISO
General-Purpose, Digital, I/O, Type-C Port; SPI, Master-In Slave-Out Input. Data is
clocked out of the slave on SCLK’s falling edge and into the microcontroller on
SCLK’s rising edge. Becomes MISO output in slave mode.
36
43
64
P6.0/T1B/
INT12
General-Purpose, Digital, I/O, Type-D Port; Timer 1 Alternative Output (PWM);
External Edge-Selectable Interrupt 12
37
44
65
P6.1/T1/
INT13
General-Purpose, Digital, I/O Type-D Port; Timer 1 Output (PWM); External Edge-
Selectable Interrupt 13
—
45
66
P6.2/T2B/
OW_OUT
General-Purpose, Digital, I/O, Type-D Port; Timer 2 Alternative Output (PWM);
1-Wire Data Output
—
46
67
P6.3/T2/
OW_IN
General-Purpose, Digital, I/O, Type-D Port; Timer 2 Output (PWM); 1-Wire Data
Input
38
47
68
P6.4/T0B/
WKOUT0
General-Purpose, Digital, I/O, Type-C Port; Timer 0 Alternative Output (PWM);
Wakeup Output 0
39
48
69
P6.5/T0/
WKOUT1
General-Purpose, Digital, I/O, Type-C Port; Timer 0 Output (PWM); Wakeup
Output 1
43
52
81
P7.0/TX0/
INT14
General-Purpose, Digital, I/O, Type-D Port; Serial Port 0 Transmit; External, Edge-
Selectable Interrupt 14
44
53
82
P7.1/RX0/
INT15
General-Purpose, Digital, I/O, Type-D Port; Serial Port 0 Receive; External Edge-
Selectable Interrupt 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com