Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4200D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L3G4200D
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L3G4200D Datasheet HTML 7Page - STMicroelectronics L3G4200D Datasheet HTML 8Page - STMicroelectronics L3G4200D Datasheet HTML 9Page - STMicroelectronics L3G4200D Datasheet HTML 10Page - STMicroelectronics L3G4200D Datasheet HTML 11Page - STMicroelectronics L3G4200D Datasheet HTML 12Page - STMicroelectronics L3G4200D Datasheet HTML 13Page - STMicroelectronics L3G4200D Datasheet HTML 14Page - STMicroelectronics L3G4200D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
L3G4200D
Mechanical and electrical characteristics
Doc ID 17116 Rev 3
11/42
2.2
Electrical characteristics
2.3
Temperature sensor characteristics
Table 5.
Electrical characteristics @ Vdd =3.0 V, T=25 °C, unless otherwise noted(1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
2.4
3.0
3.6
V
Vdd_IO
I/O pins supply voltage(3)
1.71
Vdd+0.1
V
Idd
Supply current
6.1
mA
IddSL
Supply current
in sleep mode(4)
Selectable by digital
interface
1.5
mA
IddPdn
Supply current in
power-down mode
Selectable by digital
interface
5µA
Top
Operating temperature
range
-40
+85
°C
1.
The product is factory calibrated at 3.0 V.
2.
Typical specifications are not guaranteed.
3.
It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.
4.
Sleep mode introduces a faster turn-on time compared to power-down mode.
Table 6.
Temp. sensor characteristics @ Vdd =3.0 V, T=25 °C, unless otherwise noted(1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
TSDr
Temperature sensor
output change vs.
temperature
-1
°C/digit
TODR
Temperature refresh rate
1
Hz
Top
Operating temperature
range
-40
+85
°C
1.
The product is factory calibrated at 3.0 V.
2.
Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com