Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4200D Datasheet(PDF) 12 Page - STMicroelectronics

Part # L3G4200D
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L3G4200D Datasheet HTML 8Page - STMicroelectronics L3G4200D Datasheet HTML 9Page - STMicroelectronics L3G4200D Datasheet HTML 10Page - STMicroelectronics L3G4200D Datasheet HTML 11Page - STMicroelectronics L3G4200D Datasheet HTML 12Page - STMicroelectronics L3G4200D Datasheet HTML 13Page - STMicroelectronics L3G4200D Datasheet HTML 14Page - STMicroelectronics L3G4200D Datasheet HTML 15Page - STMicroelectronics L3G4200D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Mechanical and electrical characteristics
L3G4200D
12/42
Doc ID 17116 Rev 3
2.4
Communication interface characteristics
2.4.1
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and Top.
Figure 4.
SPI slave timing diagram(b)
Table 7.
SPI slave timing values
Symbol
Parameter
Value(1)
Unit
Min.
Max.
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
5
ns
th(CS)
CS hold time
8
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
6
tdis(SO)
SDO output disable time
50
1.
Values are guaranteed at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization results; not
tested in production.
b.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both input and output ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com