Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4200D Datasheet(PDF) 27 Page - STMicroelectronics

Part # L3G4200D
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L3G4200D Datasheet HTML 23Page - STMicroelectronics L3G4200D Datasheet HTML 24Page - STMicroelectronics L3G4200D Datasheet HTML 25Page - STMicroelectronics L3G4200D Datasheet HTML 26Page - STMicroelectronics L3G4200D Datasheet HTML 27Page - STMicroelectronics L3G4200D Datasheet HTML 28Page - STMicroelectronics L3G4200D Datasheet HTML 29Page - STMicroelectronics L3G4200D Datasheet HTML 30Page - STMicroelectronics L3G4200D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
L3G4200D
Output register mapping
Doc ID 17116 Rev 3
27/42
6
Output register mapping
The table given below provides a listing of the 8 bit registers embedded in the device and
the related addresses:
Table 18.
Register address map
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved
-
00-0E
-
-
WHO_AM_I
r
0F
000 1111 11010011
Reserved
-
10-1F
-
-
CTRL_REG1
rw
20
010 0000 00000111
CTRL_REG2
rw
21
010 0001 00000000
CTRL_REG3
rw
22
010 0010 00000000
CTRL_REG4
rw
23
010 0011 00000000
CTRL_REG5
rw
24
010 0100 00000000
REFERENCE
rw
25
010 0101 00000000
OUT_TEMP
r
26
010 0110
output
STATUS_REG
r
27
010 0111
output
OUT_X_L
r
28
010 1000
output
OUT_X_H
r
29
010 1001
output
OUT_Y_L
r
2A
010 1010
output
OUT_Y_H
r
2B
010 1011
output
OUT_Z_L
r
2C
010 1100
output
OUT_Z_H
r
2D
010 1101
output
FIFO_CTRL_REG
rw
2E
010 1110 00000000
FIFO_SRC_REG
r
2F
010 1111
output
INT1_CFG
rw
30
011 0000 00000000
INT1_SRC
r
31
011 0001
output
INT1_TSH_XH
rw
32
011 0010 00000000
INT1_TSH_XL
rw
33
011 0011 00000000
INT1_TSH_YH
rw
34
011 0100 00000000
INT1_TSH_YL
rw
35
011 0101 00000000
INT1_TSH_ZH
rw
36
011 0110 00000000
INT1_TSH_ZL
rw
37
011 0111 00000000
INT1_DURATION
rw
38
011 1000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com