Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4200D Datasheet(PDF) 31 Page - STMicroelectronics

Part # L3G4200D
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L3G4200D Datasheet HTML 27Page - STMicroelectronics L3G4200D Datasheet HTML 28Page - STMicroelectronics L3G4200D Datasheet HTML 29Page - STMicroelectronics L3G4200D Datasheet HTML 30Page - STMicroelectronics L3G4200D Datasheet HTML 31Page - STMicroelectronics L3G4200D Datasheet HTML 32Page - STMicroelectronics L3G4200D Datasheet HTML 33Page - STMicroelectronics L3G4200D Datasheet HTML 34Page - STMicroelectronics L3G4200D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
L3G4200D
Register description
Doc ID 17116 Rev 3
31/42
7.4
CTRL_REG3 (22h)
Table 26.
High pass filter mode configuration
HPM1
HPM0
High Pass filter Mode
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference signal for filtering
10
Normal mode
1
1
Autoreset on interrupt event
Table 27.
High pass filter cut off frecuency configuration [Hz]
HPCF3
ODR= 100 Hz
ODR= 200 Hz
ODR= 400 Hz
ODR= 800 Hz
0000
8
153056
0001
4
8
15
30
0010
2
4
8
15
0011
12
48
0100
0.5
1
2
4
0101
0.2
0.5
1
2
0110
0.1
0.2
0.5
1
0111
0.05
0.1
0.2
0.5
1000
0.02
0.05
0.1
0.2
1001
0.01
0.02
0.05
0.1
Table 28.
CTRL_REG1 register
I1_Int1
I1_Boot
H_Lactive
PP_OD
I2_DRDY
I2_WTM
I2_ORun
I2_Empty
Table 29.
CTRL_REG3 description
I1_Int1
Interrupt enable on INT1 pin. Default value 0. (0: Disable; 1: Enable)
I1_Boot
Boot status available on INT1. Default value 0. (0: Disable; 1: Enable)
H_Lactive
Interrupt active configuration on INT1. Default value 0. (0: High; 1:Low)
PP_OD
Push- Pull / Open drain. Default value: 0. (0: Push- Pull; 1: Open drain)
I2_DRDY
Date Ready on DRDY/INT2. Default value 0. (0: Disable; 1: Enable)
I2_WTM
FIFO Watermark interrupt on DRDY/INT2. Default value: 0. (0: Disable; 1: Enable)
I2_ORun
FIFO Overrun interrupt on DRDY/INT2 Default value: 0. (0: Disable; 1: Enable)
I2_Empty
FIFO Empty interrupt on DRDY/INT2. Default value: 0. (0: Disable; 1: Enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com