Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4200D Datasheet(PDF) 19 Page - STMicroelectronics

Part # L3G4200D
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L3G4200D Datasheet HTML 15Page - STMicroelectronics L3G4200D Datasheet HTML 16Page - STMicroelectronics L3G4200D Datasheet HTML 17Page - STMicroelectronics L3G4200D Datasheet HTML 18Page - STMicroelectronics L3G4200D Datasheet HTML 19Page - STMicroelectronics L3G4200D Datasheet HTML 20Page - STMicroelectronics L3G4200D Datasheet HTML 21Page - STMicroelectronics L3G4200D Datasheet HTML 22Page - STMicroelectronics L3G4200D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
L3G4200D
Main digital blocks
Doc ID 17116 Rev 3
19/42
3.2.5
Stream-to-FIFO mode
In stream-to-FIFO mode, data from yaw, pitch, and roll measurements are stored in the
FIFO. A watermark interrupt can be enabled on pin DRDY/INT2, setting the I2_WTM bit in
CTRL_REG3, which is triggered when the FIFO is filled to the level specified in the WTM4:0
bits of FIFO_CTRL_REG. The FIFO continues filling until full (32 slots of 16-bit data for yaw,
pitch, and roll). When full, the FIFO discards the older data as the new data arrives. Once a
trigger event occurs (related to INT1_CFG register events), the FIFO starts operating in
FIFO mode (see
Figure 11).
Figure 11.
Trigger stream mode
3.2.6
Retrieve data from FIFO
FIFO data is read through the OUT_X, OUT_Y and OUT_Z registers. When the FIFO is in
stream, trigger or FIFO mode, a read operation to the OUT_X, OUT_Y or OUT_Z registers
provides the data stored in the FIFO. Each time data is read from the FIFO, the oldest pitch,
roll, and yaw data are placed in the OUT_X, OUT_Y and OUT_Z registers and both single
read and read_burst (X,Y & Z with auto-incremental address) operations can be used. In
read_burst mode, when data included in OUT_Z_H is read, the system again starts to read
information from addr OUT_X_L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com