Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ2995DP Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2995DP
Description  DDR Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2995DP Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TJ2995DP Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DDR Termination Regulator
TJ2995
Oct. 2009 - Rev. 1.1
4/9
HTC
TYPICAL OPERATING CHARACTERISTICS
AVIN=2.0V/Div,VDDQ/PVIN=1.0V/div,VREF=500mV/div, VTT=500mV/div,Time=10ms/div
AVIN=2.0V/Div,VDDQ/PVIN=1.0V/div,VREF=500mV/div,VTT=500mV/div,Time=10ms/div
Start Up
Shut Down
AVIN = 2.0V/Div, VDDQ/PVIN = 2.0V/div, VTT = 100mV/div, IOUT = 1A/div, Time = 10ms/div
AVIN = 2.0V/Div, VDDQ/PVIN = 2.0V/div, VTT = 100mV/div, IOUT = 1A/div, Time = 10ms/div
Load (0A → 1A)
Load (1A → 0A)
AVIN vs. Quiescent Current
VDDQ = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com