Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ2995DP Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2995DP
Description  DDR Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2995DP Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

  TJ2995DP Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DDR Termination Regulator
TJ2995
Oct. 2009 - Rev. 1.1
7/9
HTC
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using
the formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
The θJA of the TJ2995 will be dependent on several variables: the package used; the thickness of
copper; the number of vias and the airflow. For instance, the θJA of the SOP8 is 165°C/W with the
package mounted to a standard 8x4 2-layer board with 1oz. copper, no airflow, and 0.5W dissipation at
room temperature. This value can be reduced to 152°C/W by changing to a 3x4 board with 2 oz. copper
that is the JEDEC standard.
Additional improvements can be made by the judicious use of vias to connect the part and
dissipate heat to an internal ground plane.
Using larger traces and more copper on the top side of
the board can also help.
With careful layout it is possible to reduce the θ
JA further than the nominal
values. Additional improvements in lowering the θJA can also be achieved with a constant airflow
across the package.
Optimizing the θ
JA and placing the TJ2995 in a section of a board exposed to lower ambient
temperature allows the part to operate with higher power dissipation. The internal power dissipation
can be calculated by summing the three main sources of loss: output current at V
TT, either sinking or
sourcing, and quiescent current at AVIN and VDDQ. During the active state (when shutdown is not held
low) the total internal power dissipation can be calculated from the following equations:
P
D
= P
AVIN
+ P
VDDQ
+ P
VTT
Where, PAVIN = IAVIN x VAVIN
P
VDDQ
= V
VDDQ
x I
VDDQ
= V
VDDQ2
x R
VDDQ
To calculate the maximum power dissipation at V
TT both conditions at VTT need to be examined,
sinking and sourcing current. Although only one equation will add into the total, V
TT cannot source and
sink current simultaneously.
P
VTT = VVTT x ILOAD (Sinking)
or P
VTT = ( VPVIN - VVTT) x ILOAD (Sourcing)
The power dissipation of the TJ2995 can also be calculated during the shutdown state. During this
condition the output V
TT will tri-state, therefore that term in the power equation will disappear as it
cannot sink or source any current (leakage is negligible). The only losses during shutdown will be
the reduced quiescent current at AVIN and the constant impedance that is seen at the VDDQ pin.
P
D = PAVIN + PVDDQ ,
Where, PAVIN = IAVIN x VAVIN
P
VDDQ
= V
VDDQ
x I
VDDQ
= V
VDDQ2
x R
VDDQ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com