Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ2995DP Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2995DP
Description  DDR Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2995DP Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TJ2995DP Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DDR Termination Regulator
TJ2995
Oct. 2009 - Rev. 1.1
1/9
HTC
SOP8 / SOP8-PP PKG
ORDERING INFORMATION
Device (Marking)
Package
TJ2995D
SOP8
FEATURES
Low Output Voltage Offset
Works with +5V, +3.3V, and 2.5V Rails
Source and Sink Current
Low External Component Count
No External Resistors Required
Linear Topology
Available in SOP8, SOP8-PP Package
Low Cost and Easy to Use
APPLICATION
DDR-I and DDR-II Termination Voltage
SSTL-2 and SSTL-3 Termination
TJ2995DP
SOP8-PP
DESCRIPSION
The TJ2995 linear regulator is designed to meet the JEDEC SSTL-2 and SSTL-3 specifications for termination
of DDR-SDRAM. The device contains a high-speed operational amplifier to provide excellent response to load
transient. This device can deliver 1.5A continuous current and transient peaks up to 3A in the application as
required for DDR-SDRAM termination. With an independent VSENSE pin, the TJ2995 can provide superior load
regulation. The TJ2995 provides a VREF output as the reference for the chipset and DDR DIMMS. The TJ2995
can easily provide the accurate VTT and VREF voltages without external resistors that PCB areas can be
reduced. The quiescent current is low to meet the low power consumption applications.
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Supply Voltage to GND
PVIN
AVIN
VDDQ
-0.3
-0.3
-0.3
6.0
6.0
6.0
V
Lead Temperature (Soldering, 10 sec)
TSOL
260
℃
Storage Temperature Range
TSTG
-65
150
℃
Operating Junction Temperature Range
TJOPR
-40
125
℃
Recommended Operation Range
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
AVIN to GND
AVIN
2.3
5.5
V
PVIN to GND
PVIN
0
AVIN
V
Ordering Information
Package
Order No.
Description
Package Marking
Supplied As
SOP8
TJ2995D
DDR Termination Regulator
TJ2995
Reel
SOP8-PP
TJ2995DP
DDR Termination Regulator
TJ2995
Reel


Similar Part No. - TJ2995DP

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ2996 HTC-TJ2996 Datasheet
973Kb / 14P
DDR Termination Regulator
TJ2996D HTC-TJ2996D Datasheet
973Kb / 14P
DDR Termination Regulator
TJ2996DP HTC-TJ2996DP Datasheet
973Kb / 14P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
TJ2997GD HTC-TJ2997GD Datasheet
410Kb / 13P
DDR Termination Regulator
More results

Similar Description - TJ2995DP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
DDR TERMINATION REGULATOR
logo
Analog Intergrations Co...
AIC1384 AIC-AIC1384 Datasheet
448Kb / 15P
DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com