Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ2995DP Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2995DP
Description  DDR Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2995DP Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

  TJ2995DP Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DDR Termination Regulator
TJ2995
Oct. 2009 - Rev. 1.1
6/9
HTC
VSENSE
The purpose of the sense pin is to provide improved remote load regulation. In most motherboard
applications the termination resistors will connect to VTT in a long plane. If the output voltage was
regulated only at the output of the TJ2995, then the long trace will cause a significant IR drop, resulting in
a termination voltage lower at one end of the bus than the other. The VSENSE pin can be used to improve
this performance, by connecting it to the middle of the bus. This will provide a better distribution across
the entire termination bus. If remote load regulation is not used, then the VSENSE pin must still be
connected to VTT.
VREF
VREF provides the buffered output of the internal reference voltage VDDQ / 2. This output should be
used to provide the reference voltage for the Northbridge chipset and memory. Since these inputs
are typically an extremely high impedance, there should be little current drawn from VREF. For improved
performance, an output bypass capacitor can be used, located close to the pin, to help with noise. A
ceramic capacitor in the range of 0.1 µF to 0.01 µF is recommended. This output remains active
during the shutdown state and thermal shutdown events for the suspend to RAM functionality.
VTT
VTT is the regulated output that is used to terminate the bus resistors. It is capable of sinking and
sourcing current while regulating the output precisely to VDDQ / 2. The TJ2995 is designed to handle
peak transient currents of up to ± 3A with a fast transient response. If a transient is expected to last
above the maximum continuous current rating for a significant amount of time then the output capacitor
should be sized large enough to prevent an excessive voltage drop. Despite the fact that the TJ2995 is
designed to handle large transient output currents it is not capable of handling these for long durations,
under all conditions. The reason for this is the standard packages are not able to thermally dissipate the
heat as a result of the internal power loss. If large currents are required for longer durations, then care
should be taken to ensure that the maximum junction temperature is not exceeded. Proper thermal
derating should always be used (please refer to the Thermal Dissipation section).
THERMAL DISSIPATION
Since the TJ2995 is a linear regulator any current flow from VTT will result in internal power dissipation
generating heat.
To prevent damaging the part from exceeding the maximum allowable junction
temperature, care should be taken to derate the part dependent on the maximum expected ambient
temperature and power dissipation. The maximum allowable internal temperature rise, TRmax can be
calculated given the maximum ambient temperature, TAmax of the application and the maximum allowable
junction temperature, TJmax.
T
Rmax = TJmax − TAmax
From this equation, the maximum allowable power dissipation, P
Dmax of
the part can be
calculated:
P
Dmax
= T
Rmax
/ θ
JA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com