Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ2995DP Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2995DP
Description  DDR Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2995DP Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  TJ2995DP Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2995DP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DDR Termination Regulator
TJ2995
Oct. 2009 - Rev. 1.1
5/9
HTC
DESCRIPTION
The TJ2995 is a linear bus termination regulator designed to meet the JEDEC requirements of SSTL-2
and SSTL-3. The TJ2995 is capable of sinking and sourcing current at the output VTT, regulating the
voltage to equal VDDQ / 2. A buffered reference voltage that also tracks VDDQ / 2 is generated on the VREF
pin for providing a global reference to the DDR-SDRAM and Northbridge Chipset. VTT is designed to
track the VREF voltage with a tight tolerance over the entire current range while preventing shoot through
on the output stage.
Series Stub Termination Logic (SSTL) was created to improve signal integrity of the data transmission
across the memory bus. This termination scheme is essential to prevent data error from signal reflections
while transmitting at high frequencies encountered with DDR RAM. The most common form of termination
is Class II single parallel termination. This involves using one RS series resistor from the chipset to the
memory and one RT termination resistor. This implementation can be seen below in Figure 1.
FIGURE 1. SSTL-Termination Scheme
PIN DESCRIPTION
AVIN AND PVIN
AVIN and PVIN are the input supply pins for the TJ2995. AVIN is used to supply all the internal control
circuitry for the two op-amps and the output stage of VREF. PVIN is used exclusively to provide the rail
voltage for the output stage on the power operational amplifier used to create VTT. For SSTL-2
applications AVIN and PVIN pins should be connected directly and tied to the 2.5V rail for optimal
performance. This eliminates the need for bypassing the two supply pins separately.
VDDQ
VDDQ is the input used to create the internal reference voltage for regulating VTT. The reference
voltage is generated from a resistor divider of two internal 50㏀ resistors. This guarantees that VTT will
track VDDQ / 2 precisely. The optimal implementation of VDDQ is as a remote sense. This can be
achieved by connecting VDDQ directly to the 2.5V rail at the DIMM instead of AVIN and PVIN. This ensures
that the reference voltage tracks the DDR memory rails precisely without a large voltage drop from
the power lines. For SSTL-2 applications VDDQ will be a 2.5V signal, which will create a 1.25V
termination voltage at VTT (See Electrical Characteristics Table for exact values of VTT over
temperature).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com