Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMP Datasheet(PDF) 5 Page - Emerson Network Power

Part # UMP
Description  關MP Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UMP Datasheet(HTML) 5 Page - Emerson Network Power

  UMP Datasheet HTML 1Page - Emerson Network Power UMP Datasheet HTML 2Page - Emerson Network Power UMP Datasheet HTML 3Page - Emerson Network Power UMP Datasheet HTML 4Page - Emerson Network Power UMP Datasheet HTML 5Page - Emerson Network Power UMP Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev. 07.18.11_10
µMP Series
5 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
µMP Series
µMP4 (400/600 Watts Max)
Case Size: µMP4: 10.11” x 3.5” x 1.57” (256.9mm x 88.9mm x 40.0mm)
Weight: µMP4Case:1.96lbs•SingleO/P:0.22lb.•DualO/P:0.16lb.
•Blank:0.06lb.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com