Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMP Datasheet(PDF) 4 Page - Emerson Network Power

Part # UMP
Description  關MP Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UMP Datasheet(HTML) 4 Page - Emerson Network Power

  UMP Datasheet HTML 1Page - Emerson Network Power UMP Datasheet HTML 2Page - Emerson Network Power UMP Datasheet HTML 3Page - Emerson Network Power UMP Datasheet HTML 4Page - Emerson Network Power UMP Datasheet HTML 5Page - Emerson Network Power UMP Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
J2
J1
Rev. 07.18.11_10
µMP Series
4 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Input
85-264 Vac
200-264 Vac
µMP1 = 6 available slots
1000 W max.
1200 W max.
S
L
O
T
6
S
L
O
T
4
S
L
O
T
5
S
L
O
T
3
S
L
O
T
2
S
L
O
T
1
J2
J1
S
L
O
T
S
L
O
T
S
L
O
T
S
L
O
T
4
3
21
J2
J1
µMP4 (AC input on opposite side)
µMP1 (AC input on opposite side)
S2 Module
AC Input
Pin Function
1
AC neutral
2
AC line (hot)
3
Chassis (earth) ground
PFC Input Connector (control & signals)
Pin Function
1
Input AC OK - “emitter”
2
Input AC OK - “collector”
3
GlobalDCOK-“emitter”
4
GlobalDCOK-“collector”
5
Spare
6
Global inhibit/optional enable logic “1”
7
Global inhibit/optional enable logic “0”
8
Global inhibit/optional enable return
9
+5VSBhousekeeping
10 +5VSBhousekeepingreturn
I2C Bus Output Connector
Pin Function
1
5 Vcc bus
2
Serialdatasignal(SDA)
3
Secondary return (COM)
4
Serial clock signal (SCL)
5
Address bit 2 (A2)
6
No connection
7
Address bit 1 (A1)
8
No connection
9
Address bit 0 (A0)
10 No connection
Mates with
Landwin 2050S1000 Housing
2053T011V Pin
or
JSTPHDR-10VSHousing
JSTSPHD-002T-P0.5(28-24)
JSTSPHD-001T-P0.5(26-22)
Connector Kit Part No.:
70-841-023
Figure 1. AC Input
Figure 2. Connector J1 & J2
Input
85-264 Vac
200-264 Vac
µMP4 =4 available slots
400 W max.
600 W max.
240 W
Pin Connectors
2
1
10
9
Dual Module
1.0±0.25
5.3±0.5
4.5±0.3
36.5±0.3
0.8 - 1.5
130.0±1.5
1.6±0.16
29.8±0.2
32.5±0.3
36.5±0.3
37.5±0.3
12.5 MAX
3.0 MAX
CAPS HEIGHT
V ADJ
V+
V-
IEC Connector
Terminal Block
L
N
PE
DC Output Control & Signals
(Single output)
Pin
Function
1
No connection
2
No connection
3
Current share
4
Module inhibit return
5
Module ISO inhibit
6
SCOM
7
-RMT sense
8
Margin
9
Remote margin / V prog.
10
+RMTsense
DC Output Control & Signals
(Dual output)
Pin
Function
1
-RMT sense V2
2
+RMTsenseV2
3
No connection
4
Module inhibit rtn
5
Module ISO inhibit
6
SCOM
7
-RMT sense V1
8
No connection
9
No connection
10
+RMTsenseV1
2
1
10
9
122.0 ± 0.5
1.6 ± 0.15
12.5 MAX
2.5 MAX
0 ~ 0.1 mm
(2X)
130.0 ref
V1 ADJ
V2 ADJ
V1+
COM
V2+
COM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com