Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMP Datasheet(PDF) 1 Page - Emerson Network Power

Part # UMP
Description  關MP Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UMP Datasheet(HTML) 1 Page - Emerson Network Power

  UMP Datasheet HTML 1Page - Emerson Network Power UMP Datasheet HTML 2Page - Emerson Network Power UMP Datasheet HTML 3Page - Emerson Network Power UMP Datasheet HTML 4Page - Emerson Network Power UMP Datasheet HTML 5Page - Emerson Network Power UMP Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 07.18.11_10
µMP Series
1 of 6
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Electrical Specifications
Input
Input range:
85 - 264 Vac, 120 - 350 Vdc (limited to 250 Vac/300 Vdc in medical apps)
Frequency:
47 - 440 Hz
Inrush current:
40 A peak max. (soft start)
Efficiency:
Up to 91% @ full case load
Power Factor:
0.99 typ. meets EN61000-3-2 (n/a @ 440 Hz)
Turn-on time:
AC on 2 sec for uMP1 and 1.5 sec for uMP4, inhibit/enable 250 ms typical
EMI filter:
CISPR 22/EN55022 Level “B”
Leakage current:
300 µA max. @ 240 Vac for uMP1 and 500 µA max for uMP4; 47 - 63 Hz
Radiated EMI:
CISPR 22/EN55022 Level “B”
Holdover storage:
16.7 ms minimum (independent of input Vac, 0 °C to 50 °C))
AC OK:
Signal goes low indicating loss of AC input.
Hold up = Full cycle ride thru (50 Hz)
Harmonic distortion:
Meets EN61000-3-2
Isolation:
Meets EN60950 and EN60601
Global Inhibit/Enable: TTL, Logic “1” and Logic “0”; fan off when unit is inhibited
Input fuse (internal):
uMP1: 16 A/250 V TLAG, uMP4: 10 A / 250 V. (both lines fused)
Warranty:
2 years
µMP Series
Up to 1200 Watts
Special Features
• Full Medical EN60601 approval
• PMBus
• Highefficiency
• Currentlimitmodification
(foldback or constant current)
• Highpowerdensity.
uMP4: 10.8 W/cu-in
uMP1: 15.1 W/cu-in
• Intelligentfan
(speed control/fault status)
• DownloadableGUIfromwebsite
• uPcontrolledPFCinputwithactive
inrush protection
• Optionalconformalcoating
• Industrialtemprange(-40ºC to 70 ºC)
• Nopreloadrequired
• Industrialshock/vibration(>50G’s)
• Lowcost
• IECorterminalblockinput
• Lowprofile1Usize
Total Power: Up to 1200 Watts
Input Voltage: 85 - 264 Vac
120-300 Vdc
# of Outputs: Up to 12
Safety
• UL
UL60950/UL60601-1
• CSA
CSA22.2 No. 234 Level 5
• VDE
EN60950/EN60601-1
• BABT
Compliance to
EN60950/EN60601 BS7002
• CB
Certificate and report
• CE
MarktoLVD
• CCC
Approved
• BSMI
Approved
MicroMP 1U Multi Output
Operating temperature:
-40°to70°Cambient.Derateeachoutput2.5%perdegreefrom50°Cto70°C.
( -20 °C start up). Meets full spec after 1/2 load. 10 min warm-up
Storage temperature:
-40 °C to 85 °C
Electromagnetic susceptibility: DesignedtomeetEN61000-4;-3,-6,-11Level3,Level4for-2,-4,-5
Humidity:
Operating; non-condensing 10% to 95% RH
Vibration:
MIL-STD-810E
MTBF demonstrated:
>350,000hoursatfullload,oneuMP4case+twomodules,TelcordiaSR-332
calculated MTBF
Altitude:
Up to 10k feet; derate linear to 50% from 10k-30k feet
Environmental Specifications
µMP4C shown


Similar Part No. - UMP

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
UMP-400 MEANWELL-UMP-400 Datasheet
2Mb / 6P
400W Flexible Configurable Fanless Power
UMP-400-24 MEANWELL-UMP-400-24 Datasheet
2Mb / 6P
400W Flexible Configurable Fanless Power
UMP-400-48 MEANWELL-UMP-400-48 Datasheet
2Mb / 6P
400W Flexible Configurable Fanless Power
logo
Nichicon corporation
UMP0J100MDD NICHICON-UMP0J100MDD Datasheet
36Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
UMP0J220MDD NICHICON-UMP0J220MDD Datasheet
36Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UMP

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC1232 IMPALA-ILC1232 Datasheet
75Kb / 5P
mP Supervisory Circuit
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP_11 Datasheet
3Mb / 9P
Intelligent MP Series
logo
EPCOS
B72220P3381K101 EPCOS-B72220P3381K101 Datasheet
289Kb / 11P
Leaded Varistors SuperioR-MP series
logo
Amphenol Corporation
SD2941-10 AMPHENOL-SD2941-10 Datasheet
562Kb / 3P
Luminus MP Series
SJS840400 AMPHENOL-SJS840400 Datasheet
562Kb / 3P
Luminus MP Series
SJS840410 AMPHENOL-SJS840410 Datasheet
562Kb / 3P
Luminus MP Series
logo
Crydom Inc.,
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DRA1 MP Series
logo
M-System Co.,Ltd.
MPHLS MSYSTEM-MPHLS Datasheet
194Kb / 5P
Remote I/O MP Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com