Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMP Datasheet(PDF) 3 Page - Emerson Network Power

Part # UMP
Description  關MP Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UMP Datasheet(HTML) 3 Page - Emerson Network Power

  UMP Datasheet HTML 1Page - Emerson Network Power UMP Datasheet HTML 2Page - Emerson Network Power UMP Datasheet HTML 3Page - Emerson Network Power UMP Datasheet HTML 4Page - Emerson Network Power UMP Datasheet HTML 5Page - Emerson Network Power UMP Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev. 07.18.11_10
µMP Series
3 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Ordering Info
µMPXY
- S2E - DER -
DLL
-
00
-
A
-
###
Case Option Codes
First digit
0 - E = Parallel Code
Second digit
0 = No Options
1 = Reverse Air
3 = Global Enable
5=Opt1+Opt3
Software Code
Case Option Codes
Factory assigned
for modified
standards
Module Codes
S2 = 200 W Single O/P (1 slot)
D=96W/96WDualO/PCommon
Ground (1 slot)
I=96W/96WDualO/PIsolated
Ground (1 slot)
Voltage Codes:
See Voltage Code Table
Module/Voltage/Option Codes
Case Size
Single - Phase Input where X =
4 = 1.57” x 3.5” x 10”; 400 W - 600 W, 4 Slots
1 = 1.57” x 5” x 10”; 1000 W - 1200 W, 6 Slots
Input Type where Y =
T = Terminal Block
C = IEC Connector, C14
B = IEC Connector, C16
Case Size
Factory assigned
for modified
standards
Hardware Code
Standard Output Ratings
Module Output
Voltage Code
Single Output ONE SLOT
240 Watts Max
DualOutputONESLOT
192 Watts Max
ModuleIdentification
S2
D=DualCommonGround
I=DualIsolatedGround
Voltage Codes
Output Module Line-Up
Code
Volts
Output Current
V1
Output Current
V1
V2
A
2.0 V
40.0
N/A
B
2.2 V
40.0
N/A
C
3.0 V
40.0
N/A
D
3.3 V
40.0
4.0*
4.0*
E
5.0 V
36.0
4.0
4.0
F
5.2 V
34.0
4.0
4.0
G
5.5 V
32.0
4.0
4.0
H
6.0 V
30.0
4.0
4.0
I
8.0 V
25.0
4.0
4.0
J
10.0 V
24.0
4.0
4.0
K
11.0 V
22.0
4.0
4.0
L
12.0 V
20.0
4.0
4.0
M
14.0 V
17.0
4.0
4.0
N
15.0 V
16.0
4.0
4.0
O
18.0 V
13.0
4.0
4.0
P
20.0 V
12.0
4.0
4.0
Q
24.0 V
10.0
4.0
4.0
R
28.0 V
8.6
3.4
3.4
S
30.0 V
8.0
N/A
T
33.0 V
7
N/A
U
36.0 V
6.7
N/A
V
42.0 V
5.7
N/A
W
48.0 V
5.0
N/A
X
54.0 V
4.4
N/A
Y
60.0 V
4.0
N/A
* For “I” codes only
DeratingCurves-µMP1
400
500
600
700
800
900
1000
1100
1200
010203040506070
Temperature
Standard Fan(12 V/24 V/48 V)
85 VAC
100 VAC
110 VAC
200 VAC
264 VAC
400
500
600
700
800
900
1000
1100
1200
010203040506070
Temperature
Reverse FAN(12 V/24 V/48V)
85 VAC
100 VAC
110 VAC
200 VAC
264 VAC
Parallel Codes
Code
Slots in Parallel
Code Slots in Parallel
Code
Slots in Parallel
1
1&2
6
1,2&3
B
1,2&3; 4&5
2
2&3
7
1,2,3&4
C
1,2,3&4; 5&6
3
3&4
8
1,2,3,4&5
D
1&2; 3&4; 5&6
4
4&5
9
1,2,3,4,5&6
E
1,2&3; 4,5&6
5
5&6
A
1&2; 3&4
0
no module in
parallel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com