Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMP Datasheet(PDF) 2 Page - Emerson Network Power

Part # UMP
Description  關MP Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UMP Datasheet(HTML) 2 Page - Emerson Network Power

  UMP Datasheet HTML 1Page - Emerson Network Power UMP Datasheet HTML 2Page - Emerson Network Power UMP Datasheet HTML 3Page - Emerson Network Power UMP Datasheet HTML 4Page - Emerson Network Power UMP Datasheet HTML 5Page - Emerson Network Power UMP Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. 07.18.11_10
µMP Series
2 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Output
Factory set point accuracy: ± 1%
Margining:
± 3 - 7% nominal analog (single output module only)
Overall regulation:
0.4% or 30 mV which ever is greater.
Ripple:
RMS: 0.1% or 10 mV, whichever is greater
Pk-Pk: 1.0% or 50 mV, whichever is greater. Bandwidth limited to 20 MHz
Dynamicresponse:
< ± 5% or 250 mV, with 50% step load
Recovery time:
To within 1% in < 300 µsec
Reverse voltage protection: 100% of rated output current
Thermal protection:
(OTP)
All outputs disabled when internal temp exceeds safe operating range.
Remote sense:
Up to 0.5 V total drop (not available on triple output module)
Single wire parallel:
Current share to within 5% of total rated current
DCOK:
± 5% of nominal.
Minimum load:
Not required
Housekeeping standby:
5 Vdc @ 1.0 A max. present whenever AC input is applied
Module inhibit:
Logic-outputonwithloworopen.Differentlogicoptionsavailable
Output/Output isolation:
>1Megohm,500V
Vout
Full load
(A)
OVP trip max
(V)
OCP trip typ (I-
out%)
SCP trip max (I-
out%)
Overshoot (max
mV)
Peak Deviation
(max mV)
3V3 Module
0.9
40
TBD
130%
160%
150
± 250
3.3
40
5.96 V
130%
160%
250
± 250
3.6
40
6.32 V
130%
160%
250
± 250
5 V Module
3.2
36
6.8 V
130%
160%
250
± 250
5
36
8.8 V
130%
160%
250
± 250
6
30
9.2 V
130%
160%
300
± 300
12 V Module
6
25
12 V
130%
160%
300
± 300
12
20
18 V
130%
160%
600
± 600
15
16
20 V
130%
160%
750
± 750
24 V Module
12
13
18 V
130%
160%
600
± 600
24
10
31 V
130%
160%
1200
± 1200
30
8
38 V
130%
160%
1500
± 1500
48 V Module
28
7
TBD
130%
200%
1400
± 1400
48
5
TBD
130%
160%
2400
± 2400
60
4
TBD
130%
200%
3000
± 3000
Case Line-Up
Case
Max Output
Dimensions
Connections
Max Current Amps
µMP4 - 4 Slot
400 W - 600 W
256.9±0.8 x 88.9±0.5 x 40.0±0.7
(10.11” x 3.5” x 1.57”)
IEC/Terminal Block
9.91
µMP1 - 6 Slot
1000 W - 1200 W
256.9±0.8 x 127±0.5 x 40.0±0.5
(10.11” x 5” x 1.57”)
IEC/Terminal Block
13.87
Output Module Line-Up
Output Range
(Vdc)
Max Current
(Amps)
Max Power
(Watts)
Module Codes
Standard Outputs
0.9 - 3.6
40
144
A,B,C,D-2,2.2,3,3.3
3.2 - 6.0
36
180
E, F, G, H - 5, 5, 2, 5.5, 6
6.0 - 15.0
25
240
I, J, K, L, M, N - 8, 10, 11, 12, 14, 15
12.0 - 30.0
13
240
O, P, Q, R, S - 18, 20, 24, 28, 30
28.0 - 54.0
7
240
T, U, V, W, X, Y - 28, 30, 33, 36, 42, 48, 54, 60
5.0 - 28.0
5.0 - 28.0
4
4
96
96
DualOutputModule.Eachoutputisratedto96W(192
Watts total). Wide range is adjustable.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com