Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L3GD20
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L3GD20 Datasheet HTML 5Page - STMicroelectronics L3GD20 Datasheet HTML 6Page - STMicroelectronics L3GD20 Datasheet HTML 7Page - STMicroelectronics L3GD20 Datasheet HTML 8Page - STMicroelectronics L3GD20 Datasheet HTML 9Page - STMicroelectronics L3GD20 Datasheet HTML 10Page - STMicroelectronics L3GD20 Datasheet HTML 11Page - STMicroelectronics L3GD20 Datasheet HTML 12Page - STMicroelectronics L3GD20 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
L3GD20
Mechanical and electrical specifications
Doc ID 022116 Rev 1
9/44
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 3.0 V, T = 25 °C unless otherwise noted.
Table 3.
Mechanical characteristics(1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
FS
Measurement range
User-selectable
±250
dps
±500
±2000
So
Sensitivity
FS = 250 dps
8.75
mdps/digit
FS = 500 dps
17.50
FS = 2000 dps
70
SoDr
Sensitivity change vs.
temperature
From -40 °C to +85 °C
±2
%
DVoff
Digital zero-rate level
FS = 250 dps
±10
dps
FS = 500 dps
±15
FS = 2000 dps
±75
OffDr
Zero-rate level change
vs. temperature
FS = 250 dps
±0.03
dps/°C
FS = 2000 dps
±0.04
dps/°C
NL
Non linearity
Best fit straight line
0.2
% FS
Rn
Rate noise density
0.03
ODR
Digital output data rate
95/190/
380/760
Hz
Top
Operating temperature
range
-40
+85
°C
1.
The product is factory calibrated at 3.0 V. The operational power supply range is specified in
Table 4.
2.
Typical specifications are not guaranteed.
dps
Hz
(
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com