Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L3GD20
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L3GD20 Datasheet HTML 6Page - STMicroelectronics L3GD20 Datasheet HTML 7Page - STMicroelectronics L3GD20 Datasheet HTML 8Page - STMicroelectronics L3GD20 Datasheet HTML 9Page - STMicroelectronics L3GD20 Datasheet HTML 10Page - STMicroelectronics L3GD20 Datasheet HTML 11Page - STMicroelectronics L3GD20 Datasheet HTML 12Page - STMicroelectronics L3GD20 Datasheet HTML 13Page - STMicroelectronics L3GD20 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Mechanical and electrical specifications
L3GD20
10/44
Doc ID 022116 Rev 1
2.2
Electrical characteristics
@ Vdd =3.0 V, T=25 °C unless otherwise noted.
2.3
Temperature sensor characteristics
@ Vdd =3.0 V, T=25 °C unless otherwise noted.
Table 4.
Electrical characteristics (1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
2.4
3.0
3.6
V
Vdd_IO
I/O pins supply voltage(3)
1.71
Vdd+0.1
V
Idd
Supply current
6.1
mA
IddSL
Supply current
in sleep mode(4)
Selectable by digital
interface
2mA
IddPdn
Supply current in
power-down mode
Selectable by digital
interface
5
µA
VIH
Digital high level input
voltage
0.8*Vdd_I
O
V
VIL
Digital low level input
voltage
0.2*Vdd_I
O
V
Top
Operating temperature
range
-40
+85
°C
1.
The product is factory calibrated at 3.0 V.
2.
Typical specifications are not guaranteed.
3.
It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses; in this condition the
measurement chain is powered off.
4.
Sleep mode introduces a faster turn-on time relative to power-down mode.
Table 5.
Electrical characteristics (1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
TSDr
Temperature sensor
output change vs.
temperature
-
-1
°C/digit
TODR
Temperature refresh rate
1
Hz
Top
Operating temperature
range
-40
+85
°C
1.
The product is factory calibrated at 3.0 V.
2.
Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com