Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L3GD20
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L3GD20 Datasheet HTML 16Page - STMicroelectronics L3GD20 Datasheet HTML 17Page - STMicroelectronics L3GD20 Datasheet HTML 18Page - STMicroelectronics L3GD20 Datasheet HTML 19Page - STMicroelectronics L3GD20 Datasheet HTML 20Page - STMicroelectronics L3GD20 Datasheet HTML 21Page - STMicroelectronics L3GD20 Datasheet HTML 22Page - STMicroelectronics L3GD20 Datasheet HTML 23Page - STMicroelectronics L3GD20 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Digital main blocks
L3GD20
20/44
Doc ID 022116 Rev 1
4.2.4
Bypass-to-stream mode
In Bypass-to-stream mode, the FIFO begins operating in Bypass mode and once a trigger
event occurs (related to INT1_CFG (30h) register events), the FIFO starts operating in
Stream mode. Refer to
Figure 10 below.
Figure 10.
Bypass-to-stream mode
4.2.5
Stream-to-FIFO mode
In Stream-to-FIFO mode, data from yaw, pitch and roll measurement is stored in the FIFO. A
watermark interrupt can be enabled on pin DRDY/INT2 by setting the I2_WTM bit in
CTRL_REG3 (22h) in order to be raised when the FIFO is filled to the level specified in the
WTM4:0 bits of FIFO_CTRL_REG (2Eh). The FIFO continues filling until it is full (32 slots of
16-bit data for yaw, pitch and roll). When full, the FIFO discards the older data as the new
data arrives. Once a trigger event occurs (related to INT1_CFG (30h) register events), the
FIFO starts operating in FIFO mode. Refer to
Figure 11 below.
Figure 11.
Trigger stream mode
x0
yi
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
Empty
Bypass mode
Stream mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30
AM07235v1
x0
yi
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
Stream Mode
FIFO Mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30
AM07236v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com