Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L3GD20
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L3GD20 Datasheet HTML 19Page - STMicroelectronics L3GD20 Datasheet HTML 20Page - STMicroelectronics L3GD20 Datasheet HTML 21Page - STMicroelectronics L3GD20 Datasheet HTML 22Page - STMicroelectronics L3GD20 Datasheet HTML 23Page - STMicroelectronics L3GD20 Datasheet HTML 24Page - STMicroelectronics L3GD20 Datasheet HTML 25Page - STMicroelectronics L3GD20 Datasheet HTML 26Page - STMicroelectronics L3GD20 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
L3GD20
Digital interfaces
Doc ID 022116 Rev 1
23/44
5.1.1
I2C operation
The transaction on the bus is started through a START (ST) signal. A START condition is
defined as a HIGH to LOW transition on the data line while the SCL line is held HIGH. After
this has been transmitted by the Master, the bus is considered busy. The next byte of data
transmitted after the start condition contains the address of the slave in the first 7 bits and
the eighth bit tells whether the Master is receiving data from the slave or transmitting data to
the slave. When an address is sent, each device in the system compares the first seven bits
after a start condition with its address. If they match, the device considers itself addressed
by the Master.
The Slave ADdress (SAD) associated with the L3GD20 is 110101xb. The SDO pin can be
used to modify the less significant bit of the device address. If the SDO pin is connected to
voltage supply, LSb is ‘1’ (address 1101011b). Otherwise, if the SDO pin is connected to
ground, the LSb value is ‘0’ (address 1101010b). This solution allows to connect and
address two different gyroscopes to the same I2C bus.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line
during the acknowledge pulse. The receiver must then pull the data line LOW so that it
remains stable low during the HIGH period of the acknowledge clock pulse. A receiver which
has been addressed is obligated to generate an acknowledge after each byte of data
received.
The I2C embedded in the L3GD20 behaves like a slave device and the following protocol
must be adhered to. After the start condition (ST) a slave address is sent, once a slave
acknowledge (SAK) has been returned, an 8-bit sub-address is transmitted: the 7 LSb
represent the actual register address while the MSb enables address auto-increment. If the
MSb of the SUB field is 1, the SUB (register address) will be automatically incremented to
allow multiple data read/write.
The slave address is completed with a Read/Write bit. If the bit was ‘1’ (Read), a repeated
START (SR) condition must be issued after the two sub-address bytes; if the bit is ‘0’ (Write)
the master will transmit to the slave with direction unchanged.
Table 11 explains how the
SAD+Read/Write bit pattern is composed, listing all the possible configurations.
Table 11.
SAD+read/write patterns
Command
SAD[6:1]
SAD[0] = SDO
R/W
SAD+R/W
Read
110101
0
1
11010101 (D1h)
Write
110101
0
0
11010100 (D0h)
Read
110101
1
1
11010111 (D3h)
Write
110101
1
0
11010110 (D2h)
Table 12.
Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com