Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L3GD20
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L3GD20 Datasheet HTML 11Page - STMicroelectronics L3GD20 Datasheet HTML 12Page - STMicroelectronics L3GD20 Datasheet HTML 13Page - STMicroelectronics L3GD20 Datasheet HTML 14Page - STMicroelectronics L3GD20 Datasheet HTML 15Page - STMicroelectronics L3GD20 Datasheet HTML 16Page - STMicroelectronics L3GD20 Datasheet HTML 17Page - STMicroelectronics L3GD20 Datasheet HTML 18Page - STMicroelectronics L3GD20 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
L3GD20
Application hints
Doc ID 022116 Rev 1
15/44
3
Application hints
Figure 5.
L3GD20 electrical connections and external component values
Power supply decoupling capacitors (100 nF + 10 µF) should be placed as near as possible
to the device (common design practice).
If Vdd and Vdd_IO are not connected together, 100 nF and 10 µF decoupling capacitors
must be placed between Vdd and common ground, and 100 nF between Vdd_IO and
common ground. Capacitors should be placed as near as possible to the device (common
design practice).
9nF
100 nF
Vdd
GND
C1
GND
10 µF
SCL/SPC
CS
DR
SDO/SA0
SDA_SDI_SDO
10nF(25V)*
Vdd_IO
1
8
12
5
49
13
16
TOP
VIEW
INT
(TOP VIEW)
DIRECTIONS OF THE
DETECTABLE
ANGULA RATES
X
+Ω
Z
+Ω
X
+Ω
Y
Vdd I2C bus
Rpu = 10kOhm
Rpu
SCL/SPC
SDA_SDI_SDO
Pull-up to be added when I2C interface is used
14
GND
* C1 must guarantee 1 nF value under
11 V bias condition
AM10128V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com