Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45L Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # 300-R010-45L
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45L Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  300-R010-45L Datasheet HTML 1Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 2Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 3Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 4Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 5Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 6Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 7Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 8Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
A 12° conical beam of ultrasonic energy is emitted from
the face of the transducer. The transducer should be
mounted in a location such that the ultrasonic signal does
not touch the side walls or any other obstructions in the
vessel. This is typically accomplished by using a bracket,
half-coupling, or rigid conduit to mount the transducer in
a spot where a strong echo can be received off of the
liquid surface. The chart below shows the distance the
transducer should be located away from side walls and
obstructions. The distances are based on a 6° beam radius
at different heights above the liquid surface. Generally
speaking, the transducer should be mounted one foot
away for every 10 feet of height.
Distance from
12° Beam
Minimum Distance from
Transducer Face (feet)
Diameter (feet)
Wall or Obstruction (inches)
3'
0.6'
4"
6'
1.3'
8"
9'
1.9'
11"
12'
2.5'
15"
15'
3.2'
19"
18'
3.8'
23"
21'
4.4'
26"
24'
5.0'
30"
27'
5.7'
34"
30'
6.3'
38"
33'
6.9'
42"
ULTRASONIC
BEAM
ANGLE
TYPICAL
MOUNTING
CONFIGURATIONS
Figure 3 shows how the transducer can often be mounted
further down in a wet well or sump if the liquid will
never reach the top of the vessel. This helps to keep the
12 degree ultrasonic beam away from pumps, ladders,
side walls, or other obstructions in the vessel.
Figure 3
Typical Transducer Mounting - Wet Well or Sump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com