Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45L Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # 300-R010-45L
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45L Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  300-R010-45L Datasheet HTML 1Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 2Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 3Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 4Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 5Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 6Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 7Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 8Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
The Model 300/301 is a versatile system that utilizes non-
contact ultrasonic technology to measure liquid levels in
a variety of applications. The system consists of a trans-
mitter and an ultrasonic transducer. The transducer con-
tains a piezoelectric crystal that has the ability to convert
electrical signals generated by the transmitter into ultra-
sonic pulses.
The unit operates by directing ultrasonic pulses, or
sound waves, through the air toward the liquid surface.
They are then reflected off the liquid surface as an echo,
and returned to the transducer. The piezoelectric crystal
then converts the returned echo into an electrical signal
which is analyzed by the transmitter. The elapsed time
between the generation of the ultrasonic pulse and the
return echo is proportional to the distance between the
face of the transducer and the liquid surface.
TECHNOLOGY
2
TYPICAL
MOUNTING
CONFIGURATIONS
The transducer is installed above the liquid surface. A
minimum dead zone distance of 18" (457 mm) must be
allowed between the face of the transducer and the maxi-
mum attainable level. Figure 1 shows a typical open
channel flow installation with the transducer mounted on
a bracket. Figure 2 shows how the unit can be mounted
in a coupling or flange for level or volume applications.
Model 300
Flow
Parshall
Flume
Model 300
Air
Liquid
Dead zone
18" minimum
(457 mm)
Flange
Maximum span
28.5' (8.7 m)
Figure 1
Typical Mounting – Open Channel Flow
Figure 2
Typical Mounting — Level/Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com