Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45L Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # 300-R010-45L
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45L Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button 300-R010-45L Datasheet HTML 4Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 5Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 6Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 7Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 8Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 9Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 10Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 11Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
30
1
R
40
0
Models available for quick shipment, usually within one week after factory
receipt of a purchase order, through the Expedite Ship Plan (ESP)
301
REMOTE
MOUNTED
TRANSMITTER
MODEL
NUMBER
301
Remote mounted transmitter
BASIC MODEL NUMBER
1
4-20 mA isolated
3
RS-485 with Modbus
5
4-20 mA & RS-485 with Modbus
OUTPUT SIGNAL
0
No relays
CTwo 10-amp SPDT relays with gold flash contacts
D
Four 10-amp SPDT relays with gold flash contacts
RELAY OUTPUT
0
120 VAC, 50/60 kHz
1
240 VAC, 50/60 kHz
2
24 VDC
INPUT POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com