Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45L Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 300-R010-45L
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45L Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  300-R010-45L Datasheet HTML 1Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 2Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 3Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 4Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 5Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 6Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 7Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 8Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Echotel
® Model 300/301
Ultrasonic Non-Contact
Transmitter For Level, Volume,
and Open Channel Flow
DESCRIPTION
The Model 300/301 is a full-featured, powerful ultra-
sonic system for measurement of liquid level, volume,
or open channel flow. Available as an integral or
remote mounted transmitter, this extremely versatile
system is simple to install and calibrate. The non-
contact design means that it is not affected by changes
in specific gravity, viscosity, or conductivity.
FEATURES
Isolated 4–20 mA output includes an active/passive
mode for loop power or device power.
RS-485 with Modbus protocol allows bi-directional
communication with DCS or PLC.
Two or four 10 amp SPDT gold flash relays provide
flexibility for most alarm and control schemes.
16-button keypad and two-line, 16-character LCD
alphanumeric display.
Temperature compensation integral to ultrasonic
transducer.
Output in units of level, volume, or open channel
flow.
Most common flumes and weirs preprogrammed in
memory in addition to the Manning formula and a
custom table using either a linear or spline curve.
Complete self-diagnostics checks all relays, outputs,
and system functionality.
Class I, Div. 1, Groups B, C, and D on both the
transmitter and transducer.
QuickCal mode allows complete system calibration
in 90 seconds.
Powerful 38 kHz EchoMaster™ ultrasonic transducer
performs in difficult applications.
Password protection prevents unwanted tampering
with configuration data.
APPLICATIONS
Water and wastewater
Slurries
Viscous fluids
Acids
Oils
Caustics


Similar Part No. - 300-R010-45L

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
300-R010-45G MAGNETROL-300-R010-45G Datasheet
546Kb / 36P
Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
More results

Similar Description - 300-R010-45L

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
300-R010-45G MAGNETROL-300-R010-45G Datasheet
546Kb / 36P
Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
335-AA1A-G5P MAGNETROL-335-AA1A-G5P Datasheet
172Kb / 4P
Echotel짰 Model 335 Non-Contact Ultrasonic Transmitter for Level, Volume, or Open Channel Flow
335-AA10-G5P MAGNETROL-335-AA10-G5P Datasheet
845Kb / 44P
Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
344-0442-100 MAGNETROL-344-0442-100 Datasheet
735Kb / 56P
Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
344-0442-101 MAGNETROL-344-0442-101 Datasheet
305Kb / 12P
Echotel짰 Models 344/345 Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
355-500A-10B MAGNETROL-355-500A-10B Datasheet
469Kb / 8P
Echotel짰 Model 355 Non-Contact Ultrasonic Two-Wire Transmitter for Level, Volume, or Open Channel Flow
355-500A-10R MAGNETROL-355-500A-10R Datasheet
907Kb / 60P
Two-Wire Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
801-2031-A40 MAGNETROL-801-2031-A40 Datasheet
192Kb / 8P
Kotron짰 Model 801 RF Capacitance Transmitter for Level/Flow/Volume
910-A1A0-003 MAGNETROL-910-A1A0-003 Datasheet
199Kb / 4P
Echotel짰 Model 910 Ultrasonic Level Switch
940-111E-001 MAGNETROL-940-111E-001 Datasheet
154Kb / 4P
Echotel짰 Model 940/941 Ultrasonic Level Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com