Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45L Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 300-R010-45L
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45L Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  300-R010-45L Datasheet HTML 1Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 2Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 3Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 4Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 5Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 6Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 7Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 8Page - Magnetrol International, Inc. 300-R010-45L Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DIMENSIONAL
SPECIFICATIONS
INCHES
(MM)
2" NPT
Process Connection
3.00" (76)
Insertion Length
4.63 (118)
Dia.
3.00 (76)
2.75
(70)
4.50
(114)
2.12 (54)
Insertion Dia.
2" NPT
Process
Connection
3/4" NPT
10.00" (254)
Insertion Length
2.12 (54)
Insertion Dia.
3.00
(76)
29.00
(736)
1.50
(38)
3.12
(79)
6.12
(155)
20.50 (520)
22.50 (571)
2.00
(50)
2" Female NPT
(P/N 36-3813-001)
20.50
(520)
22.50
(571)
3.00
(76)
1.50
(38)
2.00
(50)
3.12
(79)
2" Female NPT
(P/N 36-3812-001)
Floor Mount Bracket
Wall Mount Bracket
OPTIONAL
MOUNTING
BRACKETS
MODEL
384
TRANSDUCERS
2" NPT
Process
Connection
3.00" (76)
Insertion Length
2" NPT
Process
Connection
10.00" (254)
Insertion Length
1" NPT
Process
Connection
3.00" (76)
Insertion Length
1" NPT
Process
Connection
10.00" (254)
Insertion Length
2.12 (54)
Insertion Dia.
2.12 (54)
Insertion Dia.
2.12 (54)
Insertion Dia.
2.12 (54)
Insertion Dia.
2" NPT Transducer with Housing
1" NPT Transducer without Housing
2" NPT Transducer without Housing
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com