Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-7DA1-135 Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # 962-7DA1-135
Description  Ultrasonic Single and Dual Point Level Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-7DA1-135 Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button 962-7DA1-135 Datasheet HTML 17Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 18Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 19Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 20Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 21Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 22Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 23Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 24Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
51-646 Echotel® Model 961 & 962 Ultrasonic Level Switches
2.5.4.4 High/Low DIP Switch
The Hi/Lo DIP switch is used to select whether the 962
will be used as high level fail-safe switch or low level fail-
safe switch. Normal process level operation produces an
8 mA value, and 16 mA is produced when the unit is in a
level alarm state. The table below can be used to assist in
configuring the Hi/Lo DIP switch:
2.5.4.5 22/3.6 DIP Switch
The 22/3.6 DIP switch is used to select whether the 962
will produce a 22 mA or a 3.6 mA output when the unit
detects a fault condition.
NOTE: Fault current will be greater than 21 mA or less than 3.6 mA.
Hi/Lo DIP
Switch
Level
Condition
Output
Signal
8 mA
Green LED
12 mA
Yellow LED
16 mA
Red LED
Hi
(HLFS)
8 mA
(±1 mA)
On
Off
Off
12 mA
(±1 mA)
Off
On
Off
16 mA
(±1 mA)
Off
Off
On
Lo
(LLFS)
8 mA
(±1 mA)
On
Off
Off
12 mA
(±1 mA)
Off
On
Off
16 mA
(±1 mA)
Off
Off
On
High/Low DIP Switch Configuration (Model 962 Loop-powered)
NOTE: During a fault condition all three LEDs will turn off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com