Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-7DA1-135 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 962-7DA1-135
Description  Ultrasonic Single and Dual Point Level Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-7DA1-135 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 962-7DA1-135 Datasheet HTML 5Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 6Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 7Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 8Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 9Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 10Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 11Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 12Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
51-646 Echotel® Model 961 & 962 Ultrasonic Level Switches
2.4.3 Model 962 Line-powered Wiring
Power and relay wiring connections are suitable for
12–24 AWG wire.
Caution: OBSERVE ALL APPLICABLE ELECTRICAL CODES
AND PROPER WIRING PROCEDURES.
1. Make sure the power source is turned off.
2. Unscrew and remove housing cover.
3. Pull power supply and relay wires through the conduit
connection.
4. Refer to Figure 10. Connect power leads to proper terminals.
Model 962 is available for AC power (102 to 265 VAC) or
for DC power (18–32 VDC)
a. AC Power – Connect “hot” wire to terminal marked L1
and the “neutral” wire to the terminal marked L2. The
green head screw should be used for grounding.
b. DC Power – Connect wires to terminals (+) and (-) on
the terminal block. The green head screw should be
used for grounding.
5. Connect desired relay wiring as shown in Figure 10.
6. Prevent moisture seepage into housing by installing an
approved seal drain fitting in the conduit run leading to
the unit.
7. Wiring is complete. Replace housing cover.
Caution: In hazardous areas, do not power the unit until the
conduit is sealed and enclosure cover is screwed
down securely.
TIME
DELAY
LEVEL
TEST
MALF
TEST
MALF RELAY
FAULT
MALF
LOWER
UPPER
MODEL 962
NC
C
NO
NC
C
NO
NC
C
NO
L2
L1
Malfunction
SPDT Relay
Input
Power
Ground
Lower Gap
SPDT Relay
Upper Gap
SPDT Relay
Hi PC
Lo LC
LOWER
UPPER
Figure 10
Model 962 Line-Powered Wiring
Ground
Shield: 1, 3
Signal: 2, 4
FORCE
CHANGE
FORCE
FAULT
TB2
TB3
037-3316-xxx Cabling
Figure 9
Model 961 Loop-Powered Remote Transducer Wiring
Remote Transducer Housing
Electronics Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com