Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-7DA1-135 Datasheet(PDF) 34 Page - Magnetrol International, Inc.

Part # 962-7DA1-135
Description  Ultrasonic Single and Dual Point Level Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-7DA1-135 Datasheet(HTML) 34 Page - Magnetrol International, Inc.

Back Button 962-7DA1-135 Datasheet HTML 28Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 29Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 30Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 31Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 32Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 33Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 34Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 35Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 36Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
51-646 Echotel® Model 961 & 962 Ultrasonic Level Switches
3.9.3 Model 962 Dual Point Transducer
92
A
A
English (length in inches)
M
Metric (length in centimeters)
TRANSDUCER UNIT OF LENGTH
A
316/316L stainless steel
P
CPVC (use only with Process Connection codes 11, 23, 33, 43, BA, CA, DA)
K
316/316L stainless steel, ASME B31.1 &B31.3 construction
MATERIALS OF CONSTRUCTION
11
3
4" NPT
21
1" NPT
22
1" BSP (G1)
THREADED CONNECTIONS
PROCESS CONNECTIONS
Actuation
length A
Minimum distance
between actuation points
A and B is 3" (8 cm)
Maximum distance
between actuation points
A and B is 128" (325 cm)
Actuation
length B
Important:
Use the “A” dimension as the
actuation length code. The
“B” dimension must also be
specified in quote/order.
Example:
For a 962 with an “A” dimen-
sion of 18" and a “B” dimen-
sion of 7", specify actuation
length code 018.
5" to 130" in 1" increments
5" minimum for NPT process connections
6" minimum for BSP, and flanged process connections
Example: 5 inches = 005
13 cm to 330 cm in 1 cm increments
13 cm minimum for NPT process connections
15 cm minimum for BSP, and flanged process connections
Example: 13 centimeters = 013
“A” DIMENSION ACTUATION LENGTH (units specified in second digit)
23
1" 150# ANSI RF flange
24
1" 300# ANSI RF flange
25
1" 600# ANSI RF flange
33
112" 150# ANSI RF flange
34
112" 300# ANSI RF flange
35
112" 600# ANSI RF flange
43
2" 150# ANSI RF flange
44
2" 300# ANSI RF flange
45
2" 600# ANSI RF flange
ANSI RAISED FACE FLANGES
BA
DN 25 PN 16 EN 1092-1 Type A
BB
DN 25 PN 25/40 EN 1092-1 Type A
BC
DN 25 PN 63/100 EN 1092-1 Type B2
CA
DN 40 PN 16 EN 1092-1 Type A
CB
DN 40 PN 25/40 EN 1092-1 Type A
CC
DN 40 PN 63/100 EN 1092-1 Type B2
DA
DN 50 PN 16 EN 1092-1 Type A
DB
DN 50 PN 25/40 EN 1092-1 Type A
DD
DN 50 PN 63 EN 1092-1 Type B2
DE
DN 50 PN 100 EN 1092-1 Type B2
EN/DIN FLANGES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com