Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-7DA1-135 Datasheet(PDF) 30 Page - Magnetrol International, Inc.

Part # 962-7DA1-135
Description  Ultrasonic Single and Dual Point Level Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-7DA1-135 Datasheet(HTML) 30 Page - Magnetrol International, Inc.

Back Button 962-7DA1-135 Datasheet HTML 26Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 27Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 28Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 29Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 30Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 31Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 32Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 33Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 34Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
30
51-646 Echotel® Model 961 & 962 Ultrasonic Level Switches
Model 961/962 Common Parts
3.8
Replacement Parts
Item
Description
Part Number
1
Cast Aluminum Cover without Window
089-6607-005
1
Cast Aluminum Cover with Window
036-4410-010
1
Cast 316 SS Cover without Window
089-6607-006
1
Deep Drawn SS Hygienic Cover without Window
036-5702-003
1
Deep Drawn SS Hygienic Cover with Window
036-5702-002
2
O-Ring with Cast Aluminum or 316 SS Housing
012-2201-237
2
O-Ring with Deep Drawn SS Hygienic Housing
012-2201-155
3
Bezel & Electronics Module Kit
See table below
4
Cast Aluminum Remote Transducer Housing Cover
004-9193-002
4
Cast 316 SS Remote Transducer Housing Cover
004-9193-006
5
Transducer
See Model Number
Model 961 Electronics Modules with Cast Aluminum or 316 SS Housings
Item
Description
Part Number
3
102 to 265 VAC Line-powered Module
089-7259-001
3
18 to 32 VDC Line-powered Module
089-7259-002
3
11 to 35 VDC Loop-powered Module
089-7259-003
Model 961 Electronics Modules with Deep Drawn SS Hygienic Housing
Item
Description
Part Number
3
102 to 265 VAC Line-powered Module
089-7256-001
3
18 to 32 VDC Line-powered Module
089-7256-002
3
11 to 35 VDC Loop-powered Module
089-7256-003
Model 962 Electronics Modules with Cast Aluminum or 316 SS Housings
Item
Description
Part Number
3
102 to 265 VAC Line-powered Module
089-7258-001
3
18 to 32 VDC Line-powered Module
089-7258-002
3
11 to 35 VDC Loop-powered Module
089-7258-003
Model 962 Electronics Modules with Deep Drawn SS Hygienic Housing
Item
Description
Part Number
3
102 to 265 VAC Line-powered Module
089-7257-001
3
18 to 32 VDC Line-powered Module
089-7257-002
3
11 to 35 VDC Loop-powered Module
089-7257-003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com