Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

962-7DA1-135 Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # 962-7DA1-135
Description  Ultrasonic Single and Dual Point Level Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

962-7DA1-135 Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button 962-7DA1-135 Datasheet HTML 9Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 10Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 11Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 12Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 13Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 14Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 15Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 16Page - Magnetrol International, Inc. 962-7DA1-135 Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
51-646 Echotel® Model 961 & 962 Ultrasonic Level Switches
TIME
DELAY
LEVEL
TEST
MALF
TEST
MALF RELAY
FAULT
WET
LEVEL
MALF
MODEL 961
NC
C
NO
NC
C
NO
NC
C
NO
L2
L1
High/Low
DIP Switch
Independent/Joint
DIP Switch
Level Test
Pushbutton
Malfunction Test
Pushbutton
Hi I
Lo J
Time Delay Pot
to decrease delay
to increase delay
Turn
Turn
Figure 14
Model 961 Line Power Configuration
2.5.1.1 Time Delay Potentiometer
The time delay potentiometer is typically used in applica-
tions where turbulence or splashing may cause false level
alarms. This is a 25-turn pot with a factory default setting
of 0.5 seconds. If desired, this pot may be turned clockwise
to increase the response time from the standard 0.5 seconds
to a maximum of 45 seconds. Turning the pot counter-
clockwise decreases the time delay.
The WET LED is not influenced by the time delay pot.
As an example, turning the pot clockwise several turns will
put a time delay into the 961. Immersing the tip of the
transducer in water with the Hi/Lo switch in the Hi posi-
tion, will produce the following results:
• WET LED will immediately turn on
• After the time delay the LEVEL LED will turn off and the
DPDT process level relay will de-energize
When removing the tip of the transducer from the water
the WET LED will immediately turn off. After the time
delay the LEVEL LED will turn on and DPDT process
level relay will energize.
2.5.1.2 Level Test Push Button
The level test push button is used to manually test the
DPDT process level relay. Pressing this push button reverses
the state of the DPDT relay, from energized to de-ener-
gized or vice-versa. This can be used to manually test the
relay, and whatever is connected to this relay. The time
delay pot does not affect the operation of the level test
push button.
2.5.1.3 Malfunction Test Push Button
The malfunction test push button is used to manually test
the SPDT malfunction relay. Pressing and holding this
push button for 2 seconds will cause the SPDT relay to
de-energize indicating a fault condition. This can be used
to manually test the relay, and whatever is connected to
this relay. The time delay pot does not affect the operation
of the malfunction push button.
NOTE: Under normal operating conditions the green MALF (malfunc-
tion) LED is on to indicate that the malfunction relay is ener-
gized, and the red FAULT LED is off to indicate that there are
no faults. Should a fault condition occur, the red FAULT LED
turns on and the green MALF LED turns off, indicating that the
malfunction relay is de-energized.
Operating
Condition
Red
Fault LED
Green
Malfunction LED
Normal
Off
On
Fault
On
Off
Fault and Malfunction LED Indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com