Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-R1M Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # B40-1F30-R1M
Description  B40 Liquid Level Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-R1M Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  B40-1F30-R1M Datasheet HTML 1Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 2Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 3Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 4Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SERIES F, HS, 8 & 9 HERMETICALLY SEALED SWITCHES
• Ideal for use in salt and other corrosive atmospheres
• Positively pressurized capsule for entire mechanism
and contacts
• Process temperatures to +1000° F (+538° C)
SERIES C, D, R & S DRY CONTACT SWITCHES
• Designed for AC and DC current applications
• Process temperatures to +1000° F (+538° C)
S P E C I F I C A T I O N S
S W I T C H
M E C H A N I S M S
A N D
E N C L O S U R E S
SWITCH ENCLOSURE
• TYPE 4X blue polymer coated carbon steel, weather
resistant for non-hazardous areas
• TYPE 4X/7/9 blue polymer coated aluminum and
cast iron enclosures
• Designed to meet Class I, Div. 1 Groups C & D and
Class I, Div. 1 Group B
NEMA 4X/7/9 Cast Iron Enclosure
TYPE 4X Carbon Steel Enclosure
TYPE 4X/7/9 Aluminum Enclosure
B A S I C
E L E C T R I C A L
R A T I N G S
Voltage
Switch Series and Non-Inductive Ampere Rating
C
D
F
HS
R
S (AC)
S (DC)
8
9
120 VAC
15.00
10.00
2.50
5.00
1.00
15.00
10.00
1.00
—
240 VAC
15.00
—
—
5.00
1.00
15.00
—
—
—
24 VDC
10.00
10.00
4.00
5.00
1.00
10.00
10.00
3.00
0.50
120 VDC
1.00
10.00
0.30
0.50
0.40
1.00
4.00
—
—
240 VDC
0.50
3.00
—
0.25
—
0.50
3.00
—
—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com