Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-R1M Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # B40-1F30-R1M
Description  B40 Liquid Level Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-R1M Datasheet(HTML) 7 Page - Magnetrol International, Inc.

  B40-1F30-R1M Datasheet HTML 1Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 2Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 3Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 4Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
B4
0
5C
2
0
ELECTRIC SWITCH MECHANISM AND ENCLOSURE FOR ALL MODELS EXCEPT B40-5C20

ELECTRIC SWITCH MECHANISM AND ENCLOSURE FOR MODEL B40-5C20 ONLY
B4
0
Switch Description
Process
Temperature
Range

One
Set
Point
TYPE 4X/7/9 Aluminum Enclosure
Ž
Class
I
, Div. 1
Groups C & D
Class
I
, Div. 1
Group B
ATEX
Ex II 2 G EEx
d IIC T6
Series F Snap Switch
Hermetically Sealed
-50° to +750° F
(-46° to +399° C)
SPDT
FKB
FKK
FC9
DPDT
FNB
FNK
FF9
Series H1 Hermetically Sealed 1 Amp
Snap Switch with Wiring Leads
-50° to +750° F
(-46° to +399° C)
SPDT
HKJ
HKK
N/A
Series R Snap Switch
-40° to +750° F
(-40° to +399° C)
SPDT
RKB
RKK
RC9
DPDT
RNB
RNK
RF9
Series S Snap Switch for
AC Current Applications
-40° to +550° F
(-40° to +288° C)
SPDT
SKB
SKK
SA9
DPDT
SNB
SNK
SB9
Series S Snap Switch for
DC Current Applications
-40° to +250° F
(-40° to +121° C)
SPDT
SLB
SLK
SC9
DPDT
SOB
SOK
SF9
Series 8 Hermetically
Sealed Snap Switch
-50° to +750° F
(-46° to +399° C)
SPDT
8KB
8KK
8C9
DPDT
8NB
8NK
8F9
Series 9 Hermetically
Sealed Snap Switch
-50° to +750° F
(-46° to +399° C)
SPDT
9KB
9KK
9C9
DPDT
9NB
9NK
9F9
CS/Aluminum
Cast Iron
TYPE 4X
Class
I
, Div 1,
Groups C & D
Class
I
, Div 1,
Group B
Series R
Snap Switch
-40° to +1000° F
(-40° to +538° C)
SPDT
R1M
RKM
RKW
DPDT
RDM
RNM
RNW
Series 9 Hermetically
Sealed Snap Switch
-50° to +1000° F
(-46° to +538° C)
SPDT
9AM
9KM
9KW
DPDT
9DM
9NM
9NW
Switch Description
Process
Temperature
Range

One
Set
Point
TYPE 4X/7/9 Aluminum Enclosure
Ž
Class
I
, Div. 1
Groups C & D
Class
I
, Div. 1
Group B
ATEX
Ex II 2 G EEx
d IIC T6
Series C Snap Switch
-40° to +450° F
(-40° to +232° C)
SPDT
CKB
CKK
CC9
DPDT
CNB
CNK
CF9
Series D Snap Switch for
DC Current Applications
-40° to +250° F
(-40° to +121° C)
SPDT
DKB
DKK
DC9
DPDT
DNB
DNK
DF9
Series F Snap Switch
Hermetically Sealed
-50° to +750° F
(-46° to +399° C)
SPDT
FKB
FKK
FC9
DPDT
FNB
FNK
FF9
Series HS 5 amp Snap Switch
Hermetically Sealed
w/Terminal Block

-50° to +550° F
(-46° to +288° C)
SPDT
HM3
HM4
HA9
DPDT
HM7
HM8
HB9
Series HS 5 amp Snap Switch
Hermetically Sealed
w/Wiring Leads

-50° to +550° F
(-46° to +288° C)
SPDT
HMJ
HMK
—
DPDT
HMS
HMT
—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com