Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-R1M Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # B40-1F30-R1M
Description  B40 Liquid Level Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-R1M Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  B40-1F30-R1M Datasheet HTML 1Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 2Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 3Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 4Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
B40 Liquid Level Switch
D E S C R I P T I O N
The Magnetrol B40 liquid level switch is specifically
designed and constructed for high pressure, high tem-
perature service conditions.
F E A T U R E S
• Choices of chamber materials include carbon steel,
stainless steel and chrome-moly
• 300 series stainless steel float.
• Choice of switch mechanism:
Dry contact
Hermetically sealed
• Minimum specific gravity 0.65
• Choice of switch mechanism enclosure:
TYPE 4X polymer coated steel
TYPE 4X/7/9 Class I, Div. 1, Groups C & D,
polymer coated aluminum or cast iron
TYPE 4X/7/9 Class I, Div. 1, Group B,
polymer coated aluminum or cast iron
• Choice of tank connection:
1" welding nipples
1" or 1
1⁄2" socket welds
O P T I O N S
• ATEX housing
• Flanged connections
• Temperature extensions
• Low specific gravity
A P P L I C A T I O N S
• Accumulators
• Receivers
• Flare pots
• Scrubbers
• Flash tanks
• Knock-out drums
• Storage tanks
• Separators


Similar Part No. - B40-1F30-R1M

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
Liquid Level Switches
More results

Similar Description - B40-1F30-R1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
Liquid level float switch
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
Liquid Level Switches
B40-HF30-9DM MAGNETROL-B40-HF30-9DM Datasheet
301Kb / 8P
B40-P & B40-H Liquid Level Switch ASME B31.1 Compliant
B75-1B20-KOG MAGNETROL-B75-1B20-KOG Datasheet
215Kb / 8P
Non-Bleed Switch For Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
Liquid Level Switches
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
Side Mounted Liquid Level Float Switch
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
Liquid Level Control Switch
3/18/2021
logo
Littelfuse
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com