Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-R1M Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # B40-1F30-R1M
Description  B40 Liquid Level Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-R1M Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  B40-1F30-R1M Datasheet HTML 1Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 2Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 3Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 4Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
T E C H N O L O G Y
B40 level switches employ permanent magnetic force as
the only link between the float and the switching element.
As the pivoted float follows liquid level changes, it moves
a magnetic sleeve
Œ
into or out of the field of a switch
actuating magnet

causing switch operation. A non-
magnetic barrier tube
Ž
effectively isolates the switch
mechanism from the controlled liquid.
Snap
Switch
Pivots
TensionSpring
Swing-InPosition
Float
1
2
3
Pivot
A G E N C Y
A P P R O V A L S
Œ
IEC Installation Instructions:
The cable entry and closing devices shall be Ex d certified suitable for the conditions of use
and correctly installed.
For ambient temperatures above +55° C or for process temperatures above +150° C, suitable
heat resistant cables shall be used.
Heat extensions (between process connection and housing) shall never be insulated.
Special conditions for safe use:
When the equipment is installed in process temperatures higher than +85° C the temperature
classification must be reduced according to the following table as per IEC60079-0.
AGENCY
APPROVED MODEL
APPROVAL CLASSES
FM
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups C & D
listed as Type 4X/7/9
Class
II, Div 1, Groups E, F & G
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups B, C & D
listed as Type 4X/7/9 Class
I, Div 1, Group B
Class
II, Div 1, Groups E, F & G
CSA
All with a Series F, HS, 8 or 9 electric switch mechanism
Class
I, Div 2, Groups B, C & D
and a housing listed as CSA Type 4X
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups C & D
listed as Type 4X/7/9
Class
II, Div 1, Groups E, F & G
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups B, C & D
listed as Type 4X/7/9 Class
I, Div 1, Group B
Class
II, Div 1, Groups E, F & G
ATEX / IEC Ex
Œ
All with an electric switch mechanism and an
ATEX
II 2 G EEx d IIC T6
ATEX housing
94/9/EC
IEC Ex Ex d
IIC T6
CE
Low Voltage Directive 2006/95/EC
Installation Category
II
Per Harmonized Standard:
Pollution Degree 2
EN 61010-1/1993 & Amendment No. 1
Maximum Process
Temperature
Temperature
Classification
< 85° C
T6
< 100° C
T5
< 135° C
T4
< 200° C
T3
< 300° C
T2
< 450° C
T1
These units are in conformity with IECEx KEM 05.0020X
Classification Ex d
IIC T6
Tambient -40° to +70° C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com