Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-R1M Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # B40-1F30-R1M
Description  B40 Liquid Level Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-R1M Datasheet(HTML) 6 Page - Magnetrol International, Inc.

  B40-1F30-R1M Datasheet HTML 1Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 2Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 3Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 4Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-R1M Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
B4
0
6
MATERIALS OF CONSTRUCTION/PRESSURE RATING (psig)
M O D E L
N U M B E R
BASIC MODEL
B40
B40 Liquid Level Switch
Œ Float material based on availability. Both 321SS and 347SS are stabilized
austenitic stainless steels.
 Consult factory for TYPE 4X/7/9 cast iron housings.
Ž Aluminum enclosure limited to +750° F (+399° C) in hazardous locations.
 Process temperature based on +100° F (+38° C) ambient.
 On steam applications, temperature down-rated to +400° F (+204° C) process
at +100° F (+38° C) ambient.
Code
Chamber
Material
Float
MaterialŒ
Tank Connection
Min.
S.G.
Temperature (°F)
100
500
750
800
1000
1F30
Chrome-Moly 321/347 SS
1" welding nipple
0.65
2067
1777
1670
1668
651
1B60
1" socket weld
2F30
304 SS
316 SS
1" welding nipple
1857
1566
1294
1240
n/a
2B60
1" socket weld
3C30 Carbon Steel
321/347 SS
1
1/2" socket weld
1925
1820
1250
1100
215
4C40
316 SS
1
1/2" socket weld
3700
3543
3169
3129
3011
5C20 Carbon Steel
1" socket weld
2085
1820
1350
1110
165
1C50 Chrome-Moly
1" weld coupling
2533
2010
1872
1845
956



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com