Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R006 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT48R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R006 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT48R006 Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 49Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 50Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 51Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
HT48R006/HT46R006
Rev. 1.00
48
October 24, 2011
· ACSR Register
Bit
76543210
Name
TEST
ADONB
¾¾¾
ADCS2
ADCS1
ADCS0
R/W
R/W
R/W
¾¾¾
R/W
R/W
R/W
POR
1
0
¾¾¾
000
Bit 7
TEST: for test mode use only
Bit 6
ADONB: ADC module power on/off control bit
0: ADC module power on
1: ADC module power off
Note: 1. it is recommended to set ADONB=1 before entering sleep for saving power.
2. ADONB=1 will power down the ADC module.
Bit 5~3
unimplemented, read as
²0²
Bit 2~0
ADCS2~ADCS0: Select A/D converter clock source
000: system clock/2
001: system clock/8
010: system clock/32
011: undefined, can
¢t be used.
100: system clock
101: system clock/4
110: system clock/16
111: undefined, can
¢t be used.
These three bits are used to select the clock source for the A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com