Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R006 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT48R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R006 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT48R006 Datasheet HTML 52Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 53Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 54Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 55Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 56Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 57Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 58Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 59Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
HT48R006/HT46R006
Rev. 1.00
56
October 24, 2011
· INTC1 Register -- HT46R006
Bit
76543210
Name
¾¾
TBF
ADF
¾¾
TBE
ADE
R/W
¾¾
R/W
R/W
¾¾
R/W
R/W
POR
¾¾
00
¾¾
00
Bit 7~6
unimplemented, read as
²0²
Bit 5
TBF: Time Base event interrupt request flag
0: inactive
1: active
Bit 4
ADF: A/D Conversion interrupt request flag
0: inactive
1: active
Bit 3~2
unimplemented, read as
²0²
Bit 1
TBE: Time base event interrupt enable
0: disable
1: enable
Bit 0
ADE: A/D Conversion interrupt enable
0: disable
1: enable
Timer/Event Counter Interrupt
For a Timer/Event Counter interrupt to occur, the global
interrupt enable bit, EMI, and the corresponding timer
interrupt enable bit, TnE, must first be set. An actual
Timer/Event Counter interrupt will take place when the
Timer/Event Counter request flag, TnF, is set, a situation
that will occur when the relevant Timer/Event Counter
overflows. When the interrupt is enabled, the stack is
not full and a Timer/Event Counter n overflow occurs, a
subroutine call to the relevant timer interrupt vector, will
take place. When the interrupt is serviced, the timer in-
terrupt request flag, TnF, will be automatically reset and
the EMI bit will be automatically cleared to disable other
interrupts.
Time Base Interrupt
For a time base interrupt to occur the global interrupt en-
able bit EMI and the corresponding interrupt enable bit
TBE, must first be set. An actual Time Base interrupt will
take place when the time base request flag TBF is set, a
situation that will occur when the Time Base overflows.
When the interrupt is enabled, the stack is not full and a
time base overflow occurs a subroutine call to time base
vector will take place. When the interrupt is serviced, the
time base interrupt flag. TBF will be automatically reset
and the EMI bit will be automatically cleared to disable
other interrupts.
Programming Considerations
By disabling the interrupt enable bits, a requested inter-
rupt can be prevented from being serviced, however,
once an interrupt request flag is set, it will remain in this
condition in the interrupt register until the corresponding
interrupt is serviced or until the request flag is cleared by
a software instruction.
It is recommended that programs do not use the
²CALL
subroutine
² instruction within the interrupt subroutine.
Interrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications. If
only one stack is left and the interrupt is not well con-
trolled, the original control sequence will be damaged
once a
²CALL subroutine² is executed in the interrupt
subroutine.
All of these interrupts have the capability of waking up
the processor when in the Sleep Mode.
Only the Program Counter is pushed onto the stack. If
the contents of the register or status register are altered
by the interrupt service program, which may corrupt the
desired control sequence, then the contents should be
saved in advance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com