Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R006 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT48R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R006 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT48R006 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
HT48R006/HT46R006
Rev. 1.00
40
October 24, 2011
Prescaler
Bits TnPSC0~TnPSC2 of the TMRnC register can be
used to define a division ratio for the internal clock
source of the Timer/Event Counter enabling longer time
out periods to be setup.
Buzzer Function -- HT48R006
Operating similar to a programmable frequency divider,
the buzzer function within the microcontroller provides a
means of producing a variable frequency output suitable
for applications, such as piezo-buzzer driving or other
interfaces requiring a precise frequency generator.
BZ and BZ pins are a complimentary pair and
pin-shared with I/O pins, PA0 and PA1. The function is
selected via the CTRL0 register, however, if not se-
lected, the pins can operate as normal I/O pins. Note
that the BZ pin is the inverse of the BZ pin generating a
kind of differential output and supplying more power o
connected interfaces such as buzzers. The CTRL0 reg-
ister can select a single BZ pin or the complimentary pair
BZ and BZ. The accompanying table illustrates the truth
table of PA0/BZ and PA1/BZ.
The timer overflow signal is the clock source for the
buzzer circuit. The output frequency is controlled by
loading the required values into the timer prescaler and
timer registers to give the required division ratio. The
counter will begin to count-up from this preload register
value until full, at which point an overflow signal is gen-
erated, causing both the BZ and BZ outputs to change
state. The counter will then be automatically reloaded
with the preload register value and continue count-
ing-up.
If the CTRL0 register has selected the buzzer function,
then for both buzzer outputs to operate, it is essential
that the Port A control register PAC bit 0 and PAC bit 1
are setup as outputs. If only one pin is setup as an out-
put, the other pin can still be used as a normal data input
pin. However, if both pins are setup as inputs then the
buzzer will not function. The buzzer outputs will only be
activated if bit PA0 is set to
²1². This output data bit is
used as the on/off control bit for the buzzer outputs.
BZEN1
BZEN0
PAC Register
PAC0
PAC Register
PAC1
PA Data Register
PA0
PA Data Register
PA1
Output Function
1
1
0
0
1
x
PA0=BZ, PA1=BZ
1
1
0
0
0
x
PA0=0, PA1=0
1
0
0
1
1
x
PA0=BZ, PA1=input
1
x
0
1
0
x
PA0=0, PA1=input
x
C
1
0
x
D
PA0=input, PA1=D
x
x
1
1
x
x
PA0=input, PA1=input
Note:
The BZEN1 and BZEN0 bits are located in the CTRL0 register;
²I² stands for input
²O² stands for output
²x² stands for don¢t care
²D² stands for Data ²0² or ²1²
²C² CMOS output structure.
PA0/PA1 I/O Function Control
T i m e r O v e r f l o w
B u z z e r C l o c k
P A 0 D a t a
B Z O u t p u t a t P A 0
B Z O u t p u t a t P A 1
Buzzer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com