Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R006 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R006 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48R006 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
HT48R006/HT46R006
Rev. 1.00
21
October 24, 2011
· CTRL0 Register -- HT48R006
Bit
76543210
Name
¾¾¾¾
BZEN1
BZEN0
LXTLP
CLKMOD
R/W
¾¾¾¾
R/W
R/W
R/W
R/W
POR
¾¾¾¾
0000
Bit 7~4
unimplemented, read as
²0²
Bit 3~2
BZEN1,BZEN0: BZ/BZ enable/disable
00: both disabled
01: reserved
10: BZ only enabled
11: BZ and BZ enabled
When BZ or BZ is disabled, the I/O port will have general I/O functions. If enabled, the BZ or BZ
outputs will still be controlled by the related I/O port control and data settings. Refer to the Buzzer
function section for details.
Bit 1
LXTLP: LXT oscillator low power control function
0: LXT oscillator quick start-up mode
1: LXT oscillator low power mode
Bit 0
CLKMOD: system clock mode selection.
0: high speed - HIRC used as system clock
1: low speed - LXT used as system clock, HIRC oscillator stopped.
These selections are only valid if the oscillator configuration options
have selected the HIRC+LXT.
· CTRL1 Register
Bit
76543210
Name
INTEG1
INTEG0
TBSEL1
TBSEL0
WDTEN3
WDTEN2
WDTEN1
WDTEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
10001010
Bit 7, 6
INTEG1, INTEG0: External interrupt edge type
00: disable
01: rising edge trigger
10: falling edge trigger
11: dual edge trigger
Bit 5, 4
TBSEL1, TBSEL0: Time base period selection
00: 2
10 ´ (1/fTP)
01: 2
11 ´ (1/fTP)
10: 2
12 ´ (1/fTP)
11: 2
13 ´ (1/fTP)
Bit 3~0
WDTEN3, WDTEN2, WDTEN1, WDTEN0: WDT function enable
1010: WDT disabled
Other values: WDT enabled - Recommended value is 0101
If the
²watchdog timer enable² configuration option is selected, then the watchdog timer will
always be enabled and the WDTEN3~WDTEN0 control bits will have no effect.
Note:
The WDT is only disabled when both the WDT configuration option is disabled and when bits
WDTEN3~WDTEN0=1010.
The WDT is enabled when either the WDT configuration option is enabled or when bits
WDTEN3~WDTEN0
¹1010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com